Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR01SC10P Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FR01SC10P
Description  10mm DIP Rotaries
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FR01SC10P Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  FR01SC10P Datasheet HTML 1Page - List of Unclassifed Manufacturers FR01SC10P Datasheet HTML 2Page - List of Unclassifed Manufacturers FR01SC10P Datasheet HTML 3Page - List of Unclassifed Manufacturers FR01SC10P Datasheet HTML 4Page - List of Unclassifed Manufacturers FR01SC10P Datasheet HTML 5Page - List of Unclassifed Manufacturers FR01SC10P Datasheet HTML 6Page - List of Unclassifed Manufacturers FR01SC10P Datasheet HTML 7Page - List of Unclassifed Manufacturers FR01SC10P Datasheet HTML 8Page - List of Unclassifed Manufacturers FR01SC10P Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
NKK Switches:
FR01KR16H-S FR01FR16H-S FR01KC10H-S FR01KR10H-S FR01KR16P-S FR01KC16P-S FR01FR10H-S
FR01FC16H-S FR01KC16H-S FR01FR10H FR01FR16P FR01FC10H-S FR01KC10H FR01KC10P FR01KC16P
FR01KR10P-S FR01FR10P-S FR01KR10P FR01KR16H FR01KC10P-S FR01KR16P FR01FC16P FR01FC10P
FR01FC16H FR01FC10H FR01FR16P-S FR01FC16P-S FR01FC10P-S FR01AC10PB-W FR01AC10PB-W-S
FR01AR10HB-06XL-S FR01AR10PB-W-S FR01AR16HB-06XL FR01AR16HB-06XL-S FR01AR16HB-06XL-W-S
FR01AR16PB-W-S FR01FC10H-06XL-S FR01FC10P-W-S FR01FC16H-06XL-S FR01FC16P-W-S FR01FR10H-
06XL-S FR01FR10P-W-S FR01FR16H-06XL-S FR01FR16P-W-S FR01KC10H-06XL-S FR01KC10P-W-S
FR01KC16H-06XL-S FR01KC16P-W-S FR01KR10H-06XL-S FR01KR10P-W-S FR01KR16H-06XL-S FR01KR16P-
W-S FR01SC10P FR01SC10P-W-S FR01SR10P-W-S FR01SR10P-S FR01SC10P-S FR01SC16P-S
FR01AR10PB-S FR01AR10HB-S FR01AR16PB-S FR01AR16HB-S FR01AC10PB-S FR01AC10HB-S
FR01AC16PB-S FR01AC16HB-S FR01FC10H-06XL FR01FC16P-W FR01FR10H-06XL FR01FR16H-06XL
FR01KC16H-06XL FR01KR10H-06XL FR01SC16P FR01SR10P FR01KR10P-W FR01SR16P-S FR01KR10H-
06XL-W FR01FR16H-06XL-W FR01SR16P


Similar Part No. - FR01SC10P

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FR01SC10PB-S NKK-FR01SC10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
More results

Similar Description - FR01SC10P

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
FR02FR10P-S NKK-FR02FR10P-S Datasheet
173Kb / 4P
   10mm Ultra-Thin SMT DIP Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
Nihon Kaiheiki Industry...
MRX108-A NKK-MRX108-A Datasheet
234Kb / 5P
   Miniature Power Level Rotaries
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com