Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3253 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3253
Description  Ultra Low Power Stereo Audio Codec With Embedded miniDSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3253 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320AIC3253 Datasheet HTML 3Page - Texas Instruments TLV320AIC3253 Datasheet HTML 4Page - Texas Instruments TLV320AIC3253 Datasheet HTML 5Page - Texas Instruments TLV320AIC3253 Datasheet HTML 6Page - Texas Instruments TLV320AIC3253 Datasheet HTML 7Page - Texas Instruments TLV320AIC3253 Datasheet HTML 8Page - Texas Instruments TLV320AIC3253 Datasheet HTML 9Page - Texas Instruments TLV320AIC3253 Datasheet HTML 10Page - Texas Instruments TLV320AIC3253 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TLV320AIC3253
www.ti.com
SLOS631 – MARCH 2010
Electrical Characteristics, Bypass Outputs
At 25°C, AVdd, DVdd, IOVDD = 1.8V, LDO_in = 1.8V, AVdd LDO disabled, fs (Audio) = 48kHz, Cref = 10 mF on REF PIN,
PLL disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG BYPASS TO HEADPHONE AMPLIFIER, DIRECT MODE
Load = 16
Ω (single-ended), 50pF;
Input and Output CM=0.9V;
Device Setup
Headphone Output on LDOIN Supply;
INL routed to HPL and INR routed to HPR;
Channel Gain=0dB
Gain Error
±0.4
dB
Noise, A-weighted(1)
Idle Channel, INL and INR ac-shorted to
3
mVRMS
ground
THD
Total Harmonic Distortion
446mVrms, 1-kHz input signal
–82
dB
(1)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values
Electrical Characteristics, Microphone Interface
At 25°C, AVdd, DVdd, IOVDD = 1.8V, LDO_in = 1.8V, AVdd LDO disabled, Cref = 10 mF on REF PIN, PLL disabled unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MICROPHONE BIAS
Bias voltage
Bias voltage CM=0.9V, LDOin = 3.3V, no load
Micbias Mode 0, Connect to AVdd or LDOin
1.25
V
Micbias Mode 1, Connect to LDOin
1.7
V
Micbias Mode 2, Connect to LDOin
2.5
V
Micbias Mode 3, Connect to AVdd
AVdd
V
Micbias Mode 3, Connect to LDOin
LDOin
V
CM=0.75V, LDOin = 3.3V
Micbias Mode 0, Connect to AVdd or LDOin
1.04
V
Micbias Mode 1, Connect to AVdd or LDOin
1.42
V
Micbias Mode 2, Connect to LDOin
2.08
V
Micbias Mode 3, Connect to AVdd
AVdd
V
Micbias Mode 3, Connect to LDOin
LDOin
V
Output Noise
CM=0.9V, Micbias Mode 2, A-weighted, 20Hz
10
to 20kHz bandwidth,
mVRMS
Current load = 0mA.
Current Sourcing
Micbias Mode 2, Connect to LDOin
3
mA
Micbias Mode 3, Connect to AVdd
160
Inline Resistance
Micbias Mode 3, Connect to LDOin
110
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLV320AIC3253


Similar Part No. - TLV320AIC3253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253IRGER TI-TLV320AIC3253IRGER Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253IRGET TI-TLV320AIC3253IRGET Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253IYZKR TI-TLV320AIC3253IYZKR Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253IYZKT TI-TLV320AIC3253IYZKT Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - TLV320AIC3253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_15 Datasheet
1Mb / 53P
[Old version datasheet]   TLV320AIC3254 Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com