Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3263 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3263
Description  Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3263 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC3263 Datasheet HTML 7Page - Texas Instruments TLV320AIC3263 Datasheet HTML 8Page - Texas Instruments TLV320AIC3263 Datasheet HTML 9Page - Texas Instruments TLV320AIC3263 Datasheet HTML 10Page - Texas Instruments TLV320AIC3263 Datasheet HTML 11Page - Texas Instruments TLV320AIC3263 Datasheet HTML 12Page - Texas Instruments TLV320AIC3263 Datasheet HTML 13Page - Texas Instruments TLV320AIC3263 Datasheet HTML 14Page - Texas Instruments TLV320AIC3263 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
TLV320AIC3263
www.ti.com
SLAS923 – JUNE 2013
Electrical Characteristics, SAR ADC
TA = 25°C; AVDD_18, AVDDx_18, HVDD_18, CPVDD_18, DVDD, IOVDDx = 1.8V; RECVDD_33 = 3.3V; SVDD, SPK_V,
MICBIAS_VDD = 3.6V; fS (Audio) = 48kHz; Audio Word Length = 20 bits; Cext = 1μF on VREF_SAR and VREF_AUDIO pins;
PLL disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SAR ADC Inputs
Analog
Input voltage range
0
VREF_SAR
V
Input
Input impedance
IN1L/AUX1 or IN1R/AUX2 Selected
1 ÷ (f×CSAR_IN)
(1)
k
Ω
Input capacitance, CSAR_IN
25
pF
Input leakage current
1
µA
Battery
VBAT Input voltage range
2.2
5.5
V
Input
VBAT (Battery measurement)
VBAT Input impedance
5
k
Ω
selected(2)
VBAT Input capacitance
25
pF
VBAT Input leakage current
1
µA
SAR ADC Conversion
Resolution
Programmable: 8-bit, 10-bit, 12-bit
8
12
Bits
No missing codes
12-bit resolution
11
Bits
IN1L/
Integral linearity
±1
LSB
12-bit resolution, SAR ADC clock =
AUX1
Internal Oscillator Clock, Conversion
Offset error
clock = Internal Oscillator / 4, External
±1
LSB
Reference = 1.8V(3)
Gain error
-0.09
%
Noise
DC voltage applied to IN1L/AUX1 = 1 V,
±1
LSB
SAR ADC clock = Internal Oscillator
Clock, Conversion clock = Internal
Oscillator / 4, External Reference =
1.8V(4)(3)
VBAT
Accuracy
12-bit resolution, SAR ADC clock =
2
%
Internal Oscillator Clock, Conversion
Offset error
±2
LSB
clock = Internal Oscillator / 4, Internal
Gain error
1.5
%
Reference = 1.25V
Noise
DC voltage applied to VBAT = 3.6 V, 12-
±0.5
LSB
bit resolution, SAR ADC clock = Internal
Oscillator Clock, Conversion clock =
Internal Oscillator / 4, Internal Reference
= 1.25V
Conversion Rate
Normal conversion operation
12-bit resolution, SAR ADC clock = 12
119
kHz
MHz External Clock, Conversion clock =
External Clock / 4, External Reference =
1.8V(3). With Fast SPI reading of data.
High-speed conversion
8-bit resolution,SAR ADC clock = 12
250
kHz
operation
MHz External Clock, Internal Conversion
clock = External Clock (Conversion
accuracy is reduced.), External
Reference = 1.8V(3). With Fast SPI
reading of data.
Voltage Reference - VREF_SAR
Voltage range
Internal VREF_SAR
1.25±0.05
V
External VREF_SAR
1.25
AVDDx_18
V
Reference Noise
CM=0.9V, Cref = 1μF
46
μVRMS
Decoupling Capacitor
1
μF
(1)
SAR input impedance is dependent on the sampling frequency (f designated in Hz), and the sampling capacitor is CSAR_IN = 25pF.
(2)
When VBAT is not being sampled/converted. When VBAT is being sampled, effective input impedance to GND is 5.24k
Ω.
(3)
When utilizing External SAR reference, this external reference should be restricted VEXT_SAR_REF≤AVDD_18 and AVDD2_18.
(4)
Noise from external reference voltage is excluded from this measurement.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV320AIC3263


Similar Part No. - TLV320AIC3263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
TLV320AIC3263IYZFR TI1-TLV320AIC3263IYZFR Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263IYZFT TI1-TLV320AIC3263IYZFT Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com