Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS5701115PGEQQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS5701115PGEQQ1
Description  Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS5701115PGEQQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TMS5701115PGEQQ1 Datasheet HTML 1Page - Texas Instruments TMS5701115PGEQQ1 Datasheet HTML 2Page - Texas Instruments TMS5701115PGEQQ1 Datasheet HTML 3Page - Texas Instruments TMS5701115PGEQQ1 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
The Hercules TMS570 MCU family enables customers to easily develop safety-critical products for transportation and automotive applications.
TMS570 devices are part of SafeTI™ design packages and are developed to meet the requirements of the ISO 26262 ASIL-D and IEC 61508
SIL-3 safety standards and qualified to the AEC-Q100 automotive specification. The TMS570 ARM® Cortex®-R based family offers several options
of performance, memory, peripherals for motor control and a variety of communication interfaces. The TMS570 family includes options with ARM
Cortex-R4 and ARM Cortex-R5 cores. Lockstep CPU architecture, hardware BIST, MPU, ECC and on-chip clock and voltage monitoring are some of
the key functional safety features available to meet the needs of automotive, railway and aerospace applications.
For additional information, please visit www.ti.com/tms570 or www.ti.com/safeti
Hercules
TMS570
Microcontrollers
Device
TMS570LC43x series
TMS570LC4357ZWTQQ1
300
4MB
512
128
10/100
2 ch
4
5(32)
2
4(2)
2(64)
14
6/2
2(41)
Yes
145(16)
Yes
337 BGA
–40 to 125
TMS570LS04x/03x series
TMS5700332PZQQ1
80
256KB
32
16
2
1(4)
2(8)
1(1)
19
–/2
1(16)
45(8)
100 QFP
–40 to 125
TMS5700432PZQQ1
80
384KB
32
16
2
1(4)
2(8)
1(1)
19
–/2
1(16)
45(8)
100 QFP
–40 to 125
TMS570LS12x/11x series
TMS5701114PGEQQ1
160
1MB
128
64
3
3(12)
1(1)
1
2(1)
2(40)
14
6/2
2(24)
64(10)
144 QFP
–40 to 125
TMS5701114ZWTQQ1
180
1MB
128
64
3
3(16)
2(3)
1
2(1)
2(44)
14
6/2
2(24)
Yes
101(16)
337 BGA
–40 to 125
TMS5701115PGEQQ1
160
1MB
128
64
2 ch
3
3(12)
1(1)
1
2(1)
2(40)
14
6/2
2(24)
58(4)
144 QFP
–40 to 125
TMS5701115ZWTQQ1
180
1MB
128
64
2 ch
3
3(16)
2(3)
1
2(1)
2(44)
14
6/2
2(24)
Yes
101(16)
337 BGA
–40 to 125
TMS5701224PGEQQ1
160
1.25MB
192
64
3
3(12)
1(1)
1
2(1)
2(40)
14
6/2
2(24)
64(10)
144 QFP
–40 to 125
TMS5701224ZWTQQ1
180
1.25MB
192
64
3
3(16)
2(3)
1
2(1)
2(44)
14
6/2
2(24)
Yes
101(16)
337 BGA
–40 to 125
TMS5701225PGEQQ1
160
1.25MB
192
64
2 ch
3
3(12)
1(1)
1
2(1)
2(40)
14
6/2
2(24)
58(4)
144 QFP
–40 to 125
TMS5701225ZWTQQ1
180
1.25MB
192
64
2 ch
3
3(16)
2(3)
1
2(1)
2(44)
14
6/2
2(24)
Yes
101(16)
337 BGA
–40 to 125
TMS5701227PGEQQ1
160
1.25MB
192
64
10/100 2 ch
3
3(12)
1(1)
1
2(1)
2(40)
14
6/2
2(24)
58(4)
144 QFP
–40 to 125
TMS5701227ZWTQQ1
180
1.25MB
192
64
10/100 2 ch
3
3(16)
2(3)
1
2(1)
2(44)
14
6/2
2(24)
Yes
101(16)
337 BGA
–40 to 125
TMS570LS31x/21x series
TMS5702124APGEQQ1
160
2MB
192
64
3
3(12)
1(1)
1
2(1)
2(40)
2(24)
64(10)
144 QFP
–40 to 125
TMS5702124AZWTQQ1
180
2MB
192
64
3
3(16)
2(3)
1
2(1)
2(44)
2(24)
Yes
120(16)
Yes
337 BGA
–40 to 125
TMS5702125APGEQQ1
160
2MB
192
64
2 ch
3
3(12)
1(1)
1
2(1)
2(40)
2(24)
58(4)
144 QFP
–40 to 125
TMS5702125AZWTQQ1
180
2MB
192
64
2 ch
3
3(16)
2(3)
1
2(1)
2(44)
2(24)
Yes
120(16)
Yes
337 BGA
–40 to 125
TMS5702134APGEQQ1
160
2MB
256
64
3
3(12)
1(1)
1
2(1)
2(40)
2(24)
64(10)
144 QFP
–40 to 125
TMS5702134AZWTQQ1
180
2MB
256
64
3
3(16)
2(3)
1
2(1)
2(44)
2(24)
Yes
120(16)
Yes
337 BGA
–40 to 125
TMS5702135APGEQQ1
160
2MB
256
64
2 ch
3
3(12)
1(1)
1
2(1)
2(40)
2(24)
58(4)
144 QFP
–40 to 125
TMS5702135AZWTQQ1
180
2MB
256
64
2 ch
3
3(16)
2(3)
1
2(1)
2(44)
2(24)
Yes
120(16)
Yes
337 BGA
–40 to 125
TMS5703134APGEQQ1
160
3MB
256
64
3
3(12)
1(1)
1
2(1)
2(40)
2(24)
64(10)
144 QFP
–40 to 125
TMS5703134AZWTQQ1
180
3MB
256
64
3
3(16)
2(3)
1
2(1)
2(44)
2(24)
Yes
120(16)
Yes
337 BGA
–40 to 125
TMS5703135APGEQQ1
160
3MB
256
64
2 ch
3
3(12)
1(1)
1
2(1)
2(40)
2(24)
58(4)
144 QFP
–40 to 125
TMS5703135AZWTQQ1
180
3MB
256
64
2 ch
3
3(16)
2(3)
1
2(1)
2(44)
2(24)
Yes
120(16)
Yes
337 BGA
–40 to 125
TMS5703137APGEQQ1
160
3MB
256
64
10/100 2 ch
3
3(12)
1(1)
1
2(1)
2(40)
2(24)
58(4)
144 QFP
–40 to 125
TMS5703137AZWTQQ1
180
3MB
256
64
10/100 2 ch
3
3(16)
2(3)
1
2(1)
2(44)
2(24)
Yes
120(16)
Yes
337 BGA
–40 to 125
Note: Above reflects max configuration of each module – some functions are multiplexed.


Similar Part No. - TMS5701115PGEQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5701115CPGEQQ1 TI1-TMS5701115CPGEQQ1 Datasheet
9Mb / 175P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS5701115CZWTQQ1 TI1-TMS5701115CZWTQQ1 Datasheet
9Mb / 175P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS5701115PGEQQ1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3U ATMEL-SAM3U_14 Datasheet
1Mb / 60P
   From 64 to 256 Kbytes embedded Flash
logo
KR Electronics, Inc.
2793 KR-2793 Datasheet
50Kb / 2P
   diplexer with band 1 from 174 to 240 MHz and band 2 from 88 to 180 MHz
logo
Pasternack Enterprises,...
PE8602 PASTERNACK-PE8602 Datasheet
221Kb / 3P
   50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
PE2CP1028 PASTERNACK-PE2CP1028 Datasheet
532Kb / 6P
   90 Degree Drop-In Hybrid Coupler From 80 MHz to 1,000 MHz Rated to 250 Watts
PE2CP1007 PASTERNACK-PE2CP1007 Datasheet
351Kb / 3P
   Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 500 Watts
PE2CP1008 PASTERNACK-PE2CP1008 Datasheet
352Kb / 3P
   Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 1000 Watts
PE2CP1021 PASTERNACK-PE2CP1021 Datasheet
353Kb / 3P
   Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 200 Watts
logo
M/A-COM Technology Solu...
MABA-000001-50KIT1 MA-COM-MABA-000001-50KIT1 Datasheet
112Kb / 1P
   transformers ranging from 1 to 3000 MHz
logo
MICORO CRYSTAL SWITZERL...
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
   From 10 kHz up to 155 MHz
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
   From 10 kHz up to 225 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com