Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS20216 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS20216
Description  TMS570LS Series 16/32-BIT RISC Flash Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS20216 Datasheet(HTML) 1 Page - Texas Instruments

  TMS570LS20216 Datasheet HTML 1Page - Texas Instruments TMS570LS20216 Datasheet HTML 2Page - Texas Instruments TMS570LS20216 Datasheet HTML 3Page - Texas Instruments TMS570LS20216 Datasheet HTML 4Page - Texas Instruments TMS570LS20216 Datasheet HTML 5Page - Texas Instruments TMS570LS20216 Datasheet HTML 6Page - Texas Instruments TMS570LS20216 Datasheet HTML 7Page - Texas Instruments TMS570LS20216 Datasheet HTML 8Page - Texas Instruments TMS570LS20216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
www.ti.com
SPNS141F
– AUGUST 2010 – REVISED JULY 2011
TMS570LS Series 16/32-BIT RISC Flash Microcontroller
Check for Samples: TMS570LS20216, TMS570LS20206, TMS570LS10216, TMS570LS10206, TMS570LS10116, TMS570LS10106
1
TMS570LS Series 16/32-BIT RISC Flash Microcontroller
1.1
Features
1
– Programmable External Clock (ECLK)
• High-Performance Automotive Grade
Microcontroller for Safety Critical Applications
• Communication Interfaces
– Certified for use in SIL3 Applications
– Three Multi-buffered Serial Peripheral
Interface (MibSPI) each with:
– Dual CPUs running in Lockstep
Four Chip Selects and one Enable pin
– ECC on Flash and SRAM
128 buffers with parity
– CPU and Memory BIST (Built-In Self Test)
One with parallel mode
– Error Signaling Module (ESM) w/ Error Pin
– Two UART (SCI) interfaces with Local
• ARM® Cortex™-R4F 32-Bit RISC CPU
Interconnect Network Interface (LIN 2.0)
– Efficient 1.6 DMIPS/MHz with 8-stage
– Three CAN (DCAN) Controller
pipeline
Two with 64 mailboxes, one with 32
– Floating Point Unit with Single/Double
Precision
Parity on mailbox RAM
– Memory Protection Unit (MPU)
– Dual Channel FlexRay™ Controller
– Open Architecture With Third-Party Support
8K-Byte message RAM with parity
• Operating Features
Transfer Unit with MPU and parity
– Up to 160-MHz System Clock
• High-End Timer (NHET)
– Core Supply Voltage (VCC): 1.5 V
– 32 Programmable I/O Channels
– I/O Supply Voltage (VCCIO): 3.3 V
– 128 Words High-End Timer RAM with parity
• Integrated Memory
– Transfer Unit with MPU and parity
– 1M-Byte or 2M-Byte Flash with ECC
• Two 12-Bit Multi-Buffered ADCs (MibADC)
– 128K-Byte or 160K-Byte RAM with ECC
– 24 total ADC Input channels
• Multiple Communication interfaces including
– Each has 64 Buffers with parity
FlexRay, CAN, and LIN
• Trace and Calibration Interfaces
• NHET Timer and 2x 12-bit ADCs
– Embedded Trace Module (ETMR4)
• External Memory Interface (EMIF)
– Data Modification Module (DMM)
– 16bit Data, 22bit Address, 4 Chip Selects
– RAM Trace Port (RTP)
• Common TMS470/570 Platform Architecture
– Parameter Overlay Module (POM)
– Consistent Memory Map across the family
• On-Chip emulation logic including IEEE 1149.1
– Real-Time Interrupt (RTI) OS Timer
JTAG, Boundary Scan and ARM Coresight
components
– Vectored Interrupt Module (VIM)
• Full Development Kit Available
– Cyclic Redundancy Checker (CRC, 2
Channels)
– Development Boards
• Direct Memory Access (DMA) Controller
– Code Composer Studio Integrated
Development Environment (IDE)
– 32 DMA requests and 16 Channels/ Control
Packets
– HaLCoGen Code Generation Tool
– Parity on Control Packet Memory
– HET Assembler and Simulator
– Dedicated Memory Protection Unit (MPU)
– nowFlash Flash Programming Tool
• Frequency-Modulated Zero-Pin Phase-Locked
• Packages Supported
Loop (FMzPLL)-Based Clock Module
– 144-Pin Quad Flat Pack (PGE) [Green]
– Oscillator and PLL clock monitor
– 337-Pin Ball Grid Array (ZWT) [Green]
• Up to 115 Peripheral IO pins
• Community Resources
– 16 Dedicated GIO - 8 w/ External Interrupts
– TI E2E Community
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS570LS20216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS20216 TI-TMS570LS20216 Datasheet
1Mb / 101P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS570LS20216-EP TI1-TMS570LS20216-EP Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS570LS20216-EP TI1-TMS570LS20216-EP Datasheet
972Kb / 107P
[Old version datasheet]   Series 16/32-BIT RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
More results

Similar Description - TMS570LS20216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS20206-EP TI1-TMS570LS20206-EP Datasheet
933Kb / 106P
[Old version datasheet]   TMS570LS Series 16/32-BIT RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com