Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X5Y1-US-N Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E2E-X5Y1-US-N
Description  Short Barrel Inductive Prox
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X5Y1-US-N Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E2E-X5Y1-US-N Datasheet HTML 7Page - Omron Electronics LLC E2E-X5Y1-US-N Datasheet HTML 8Page - Omron Electronics LLC E2E-X5Y1-US-N Datasheet HTML 9Page - Omron Electronics LLC E2E-X5Y1-US-N Datasheet HTML 10Page - Omron Electronics LLC E2E-X5Y1-US-N Datasheet HTML 11Page - Omron Electronics LLC E2E-X5Y1-US-N Datasheet HTML 12Page - Omron Electronics LLC E2E-X5Y1-US-N Datasheet HTML 13Page - Omron Electronics LLC E2E-X5Y1-US-N Datasheet HTML 14Page - Omron Electronics LLC E2E-X5Y1-US-N Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
E2E2-WIREAC
E2E2-WIREAC
12
J
PRE-WIRED MODELS WITH SHORT-CIRCUIT PROTECTION
Fig. 9:
E2E-X5Yj-53-US
Unshielded
Fig.10:
E2E-X10MYj-53-US
24 (0.945)
across flats
4 (0.16)
Indicator
M18
P=1.0
24 (0.945)
across flats
18.5 dia.
(0.728)
29 (1.14)
M18 P=1.0
Indicator
29 (1.14)
40 (1.57)
47 (1.85)
18.5 dia.
(0.728)
10 (0.39)
Cable:
6 (0.24) dia.
2 m (6.56 ft)
Cable:
6 (0.24) dia.
2 m (6.56 ft)
40 (1.57)
47 (1.85)
Shielded
Fig. 11:
E2E-X10Yj-53-US
Fig. 12
E2E-X18MYj-53-US
Indicator
Cable:
6 (0.24) dia.
2 m (6.56 ft)
30.5 dia
(1.201)
36 (1.417)
across flats
M30 P=1.5
(0.06)
5 (0.20)
30.5 dia
(1.201)
36 (1.417)
across flats
38 (1.50)
50 (1.97)
57 (2.24)
38 (1.50)
50 (1.97)
57 (2.24)
Indicator
13
(0.51)
Cable:
6 (0.24) dia.
2 m (6.56 ft)
Connector Models
(Shielded)
Connector Models
(Unshielded)
Fig. 13:
E2E-X2Y1-M1-N
Fig. 14:
E2E-X5MYj-M1-N
Operation indicator
Two clamping nut
Toothed washer
M12 x 1
M12 x 1
Operation indicator
Two clamping nut
Toothed washer
M12 x 1
M12 x 1
9dia.
53 (2.09)
38 (1.50)
21 dia. (0.83)
53 (2.09)
38 (1.50)
21 dia. (0.83)
7
(0.28)
Fig. 15:
E2E-X5Y1-M1-N
Fig. 16:
E2E-X10MYj-M1-N
Operation indicator
Two clamping nut
Toothed washer
M12 x 1
M18 x 1
M12 x 1
M18 x 1
Operation indicator
Two clamping nut
Toothed washer
14.8 dia.
53 (2.09)
38 (1.50)
29 dia. (1.14)
53 (2.09)
38 (1.50 )
29 dia. (1.14)
10
(0.39)


Similar Part No. - E2E-X5Y1-US-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X5Y1-US-N OMRON-E2E-X5Y1-US-N Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
More results

Similar Description - E2E-X5Y1-US-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
D5038 GMI-D5038 Datasheet
201Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com