Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQU3A154MG Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQU3A154MG
Description  Plastic Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU3A154MG Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQU3A154MG Datasheet HTML 1Page - Panasonic Semiconductor ECQU3A154MG Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC81−
Plastic Film Capacitors
■Dimensions in mm (not to scale)
AB
Note
Date Code.
■Rating & Dimensions
● Capacitance tolerance : ±20 %(M)
Part No.
ECQU3A103MG( )
ECQU3A153MG( )
ECQU3A223MG( )
ECQU3A333MG( )
ECQU3A473MG( )
ECQU3A683MG( )
ECQU3A104MG( )
ECQU3A154MG( )
ECQU3A224MG( )
ECQU3A334MG( )
ECQU3A474MG( )
ECQU3A684MG( )
ECQU3A105MG( )
0.010
0.015
0.022
0.033
0.047
0.068
0.10
0.15
0.22
0.33
0.47
0.68
1.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
18.0
18.0
26.0
26.0
26.0
27.0
5.0
5.0
5.0
6.0
6.0
8.0
8.0
8.0
9.0
9.0
10.5
12.5
16.5
11.5
11.5
11.5
13.0
13.0
15.0
15.0
16.5
17.5
18.5
20.0
22.0
25.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
15.0
15.0
22.5
22.5
22.5
22.5
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.80
0.80
0.80
0.80
0.80
0.80
0
±0.5
0
±0.5
0
±0.5
0
±0.5
0
±0.5
0
±0.5
0
±0.5
0
±0.5
0
±0.5
0
±0.5
0
±0.75
0
±0.75
0
±0.75
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.5
1.5
1.5
2.2
Cap.
(µF)
Dimensions (mm)
LT
H
F
φd
P
Q
Min. order Q'ty
500
Suffix for lead form
Cap. tol. code
↑↑
英語版カタログ P50_81 14.1.30 15:36 ページ 81


Similar Part No. - ECQU3A154MG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU3A154MG PANASONIC-ECQU3A154MG Datasheet
71Kb / 2P
   Plastic Film Capacitors
ECQU3A154MG PANASONIC-ECQU3A154MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQU3A154MG PANASONIC-ECQU3A154MG Datasheet
61Kb / 2P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECQU3A154MG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com