Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE2103 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQE2103
Description  Metallized Polyester Film Capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2103 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQE2103 Datasheet HTML 1Page - Panasonic Semiconductor ECQE2103 Datasheet HTML 2Page - Panasonic Semiconductor ECQE2103 Datasheet HTML 3Page - Panasonic Semiconductor ECQE2103 Datasheet HTML 4Page - Panasonic Semiconductor ECQE2103 Datasheet HTML 5Page - Panasonic Semiconductor ECQE2103 Datasheet HTML 6Page - Panasonic Semiconductor ECQE2103 Datasheet HTML 7Page - Panasonic Semiconductor ECQE2103 Datasheet HTML 8Page - Panasonic Semiconductor ECQE2103 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC32−
Plastic Film Capacitors
Metallized Polyester Film Capacitor
Type:
ECQE(F)
Non-inductive construction using metallized Polyester
film with flame retardant epoxy resin coating
■Features
Self-healing property
Excellent electrical characteristics
Flame retardant epoxy resin coating
RoHS directive compliant
■Recommended Applications
General purpose usage
❈Please contact us when applications are CD , ignitor etc.
■Explanation of Part Numbers
123
45
67
89
10
11
12
E
C
Q
E
Product code
Dielectric &
construction
Rated volt.
Capacitance
F
Cap. Tol. Suffix
Suffix
1
2
4
6
100 VDC
250 VDC
400 VDC
630 VDC
10
12
1A
2A
1000 VDC
1250 VDC
125 VAC
250 VAC
J
K
±5 %
±10 %
E
C
Q
E
Product code
Dielectric &
construction
Rated volt.
Capacitance
R
F
Suffix Cap. Tol. Suffix
■Specifications
●Explanation of Part Number for Odd Size Taping
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor (tan )
Withstand voltage
Insulation resistance (IR)
100 VDC, 250 VDC,400 VDC, 630 VDC, 1000 VDC, 1250 VDC,
125 VAC, 250 VAC
– 40 ˚C to + 105 ˚C
– 40 ˚C to + 105 ˚C
100 VDC, 250 VDC, 400 VDC, 630 VDC, 1000 VDC, 1250 VDC,
(Derating of rated voltage by 1.25 %/˚C at more than 85 ˚C)
125 VAC, 250 VAC
0.0010 µF to 10 µF (E12)
±5 %(J), ±10 %(K)
tan <
=1.0 % (20 ˚C, 1 kHz)
Rated volt. 100 V to 630 VDC
Between terminals : Rated volt.(VDC)150 % 60 s
Rated volt. 1000 VDC, 1250 VDC
Between terminals : Rated volt. (VDC)175 % 2 s to 5 s or 1000 VAC 60 s
Between terminals to enclosure : 1500 VAC 60 s
Rated volt. 125 VAC, 250 VAC
Between terminals : Rated volt.(VAC)230 % 60 s
Between terminals to enclosure : 1500 VAC 60 s
100 V to 630 VDC:
C <
= 0.33 µF : IR>
=9000 MΩ (20 ˚C, 100 VDC, 60 s)
C > 0.33 µF : IR>
=3000 MΩ . µF
1000 VDC, 1250 VDC:
IR>
=10000 MΩ (20 ˚C, 100 VDC, 60 s)
IR>
=2000 MΩ (20 ˚C, 500 VDC, 60 s)
125 VAC, 250 VAC:
C <
= 0.47 µF : IR>
=2000 MΩ
(20 ˚C, 500 VDC, 60 s)
C > 0.47 µF : IR>
=3000 MΩ . µF (20 ˚C, 100 VDC, 60 s)
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please
refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
❈ Voltage to be applied to ECQE1A (F) & ECQE2A (F) is only sine wave (50 Hz or 60 Hz).
Suffix
Blank
B
Z
3
6
Lead Form
Straight
Crimped lead
Cut lead
Crimped taping (Ammo)
Crimped taping (Ammo)
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
32


Similar Part No. - ECQE2103

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2103 PANASONIC-ECQE2103 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2103 PANASONIC-ECQE2103 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE2103 PANASONIC-ECQE2103 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2103 PANASONIC-ECQE2103 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2103 PANASONIC-ECQE2103 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE2103

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com