Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE2154 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQE2154
Description  Metallized Polyester Film Capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2154 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQE2154 Datasheet HTML 1Page - Panasonic Semiconductor ECQE2154 Datasheet HTML 2Page - Panasonic Semiconductor ECQE2154 Datasheet HTML 3Page - Panasonic Semiconductor ECQE2154 Datasheet HTML 4Page - Panasonic Semiconductor ECQE2154 Datasheet HTML 5Page - Panasonic Semiconductor ECQE2154 Datasheet HTML 6Page - Panasonic Semiconductor ECQE2154 Datasheet HTML 7Page - Panasonic Semiconductor ECQE2154 Datasheet HTML 8Page - Panasonic Semiconductor ECQE2154 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC33−
Plastic Film Capacitors
■Dimensions in mm (not to scale)
Cut lead
■Packaging Specifications for Bulk Package
Packing quantity:100 pcs./bag
■Taping Specifications for Automatic Insertion
●Taping style
❈Refer to the page of taping specifications.
100 VDC
250 VDC
400 VDC
630 VDC
1000 VDC
1250 VDC
125 VAC
250 VAC
ECQE (F)
AD
AS
AB
BC
D
E
0.56 to 0.68
Ammo
(
) F3
0.82 to 1.0
Ammo
(
) F3
1.2 to 3.3
Ammo
(
) F3
1.2 to 3.3
Ammo
R(
) F
0.010 to 0.27
Ammo
(
) F3
0.33
Ammo
(
) F3
0.39 to 1.5
Ammo
(
) F3
0.010 to 0.33
Ammo
R(
) F
0.39 to 1.5
Ammo
R(
) F
0.010 to 0.10
Ammo
(
) F3
0.12 to 0.47
Ammo
(
) F3
0.010 to 0.10
Ammo
R(
) F
0.12 to 0.47
Ammo
R(
) F
0.0010 to 0.033
Ammo
(
) F3
0.039 to 0.047
Ammo
(
) F3
0.056 to 0.22
Ammo
(
) F3
0.0010 to 0.047
Ammo
R(
) F
0.056 to 0.22
Ammo
R(
) F
0.010 to 0.10
Ammo
R(
) F
0.0010 to 0.022
Ammo
R(
) F
0.010 to 0.068
Ammo
(
) F6
0.010 to 0.068
Ammo
R(
) F
0.010 to 0.033
Ammo
(
) F6
0.010 to 0.047
Ammo
R(
) F
0.056 to 0.22
Ammo
R(
) F
●Packaging Specifications
Cap. range
(µF)
Taping style
Packing
suffix
Rated volt.
Type
Style
AD
AB
B
C
D
E
Lead Spacing
5.0 mm
5.0 mm
5.0 mm
5.0 mm
7.5 mm
7.5 mm
❈See the column
“Rating, Dimensions
& Quantity Box” for
packing quantity.
●Lead Spacing
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
33


Similar Part No. - ECQE2154

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2154 PANASONIC-ECQE2154 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2154 PANASONIC-ECQE2154 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2154 PANASONIC-ECQE2154 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2154 PANASONIC-ECQE2154 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE2154 PANASONIC-ECQE2154 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE2154

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com