Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECA1EM471 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECA1EM471
Description  Aluminum Electrolytic Capacitors/ M
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1EM471 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECA1EM471 Datasheet HTML 1Page - Panasonic Semiconductor ECA1EM471 Datasheet HTML 2Page - Panasonic Semiconductor ECA1EM471 Datasheet HTML 3Page - Panasonic Semiconductor ECA1EM471 Datasheet HTML 4Page - Panasonic Semiconductor ECA1EM471 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ M
– EEE-112 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+85 °C)
tan d
(120 Hz)
(+20 °C)
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
6.3
220
5
11
240
0.28
0.5
2.0
5.0
2.5
ECA0JM221( )
200
2000
470
6.3
11.2
380
0.28
0.5
2.5
5.0
2.5
ECA0JM471( )
200
2000
1000
8
11.5
580
0.28
0.6
3.5
5.0
ECA0JM102( )
200
1000
2200
10
16
890
0.30
0.6
5.0
5.0
ECA0JM222( )
200
500
3300
10
20
1020
0.32
0.6
5.0
5.0
ECA0JM332( )
200
500
4700
12.5
20
1170
0.34
0.6
5.0
5.0
ECA0JM472( )
200
500
6800
12.5
25
1270
0.38
0.6
5.0
5.0
ECA0JM682( )
200
500
10000
16
25
1450
0.46
0.8
7.5
7.5
ECA0JM103( )
100
250
15000
16
31.5
1700
0.56
0.8
7.5
ECA0JM153
100
22000
18
35.5
1900
0.70
0.8
7.5
ECA0JM223
50
10
330
6.3
11.2
330
0.24
0.5
2.5
5.0
2.5
ECA1AM331( )
200
2000
1000
10
12.5
630
0.24
0.6
5.0
5.0
ECA1AM102( )
200
500
2200
10
20
920
0.26
0.6
5.0
5.0
ECA1AM222( )
200
500
3300
12.5
20
1090
0.28
0.6
5.0
5.0
ECA1AM332( )
200
500
4700
12.5
25
1200
0.30
0.6
5.0
5.0
ECA1AM472( )
200
500
6800
16
25
1400
0.34
0.8
7.5
7.5
ECA1AM682( )
100
250
10000
16
31.5
1600
0.42
0.8
7.5
ECA1AM103
100
15000
18
35.5
1850
0.52
0.8
7.5
ECA1AM153
50
16
10
5
11
30
0.20
0.5
2.0
5.0
2.5
ECA1CM100( )
200
2000
22
5
11
75
0.20
0.5
2.0
5.0
2.5
ECA1CM220( )
200
2000
33
5
11
110
0.20
0.5
2.0
5.0
2.5
ECA1CM330( )
200
2000
47
5
11
130
0.20
0.5
2.0
5.0
2.5
ECA1CM470( )
200
2000
100
5
11
180
0.20
0.5
2.0
5.0
2.5
ECA1CM101( )
200
2000
220
6.3
11.2
280
0.20
0.5
2.5
5.0
2.5
ECA1CM221( )
200
2000
470
8
11.5
440
0.20
0.6
3.5
5.0
ECA1CM471( )
200
1000
1000
10
16
680
0.20
0.6
5.0
5.0
ECA1CM102( )
200
500
2200
12.5
20
1000
0.22
0.6
5.0
5.0
ECA1CM222( )
200
500
3300
12.5
25
1200
0.24
0.6
5.0
5.0
ECA1CM332( )
200
500
4700
16
25
1360
0.26
0.8
7.5
7.5
ECA1CM472( )
100
250
6800
16
31.5
1600
0.30
0.8
7.5
ECA1CM682
100
10000
18
35.5
1800
0.38
0.8
7.5
ECA1CM103
50
25
100
6.3
11.2
180
0.16
0.5
2.5
5.0
2.5
ECA1EM101( )
200
2000
330
8
11.5
390
0.16
0.6
3.5
5.0
ECA1EM331( )
200
1000
470
10
12.5
480
0.16
0.6
5.0
5.0
ECA1EM471( )
200
500
1000
10
20
850
0.16
0.6
5.0
5.0
ECA1EM102( )
200
500
2200
12.5
25
1200
0.18
0.6
5.0
5.0
ECA1EM222( )
200
500
3300
16
25
1300
0.20
0.8
7.5
7.5
ECA1EM332( )
100
250
4700
16
31.5
1500
0.22
0.8
7.5
ECA1EM472
100
6800
18
35.5
1750
0.26
0.8
7.5
ECA1EM682
50
35
47
5
11
130
0.14
0.5
2.0
5.0
2.5
ECA1VM470( )
200
2000
100
6.3
11.2
210
0.14
0.5
2.5
5.0
2.5
ECA1VM101( )
200
2000
220
8
11.5
350
0.14
0.6
3.5
5.0
ECA1VM221( )
200
1000
· When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, i=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 85 °C 2000 h
02 May. 2014


Similar Part No. - ECA1EM471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1EM471 PANASONIC-ECA1EM471 Datasheet
308Kb / 5P
   Radial Lead Type
ECA1EM471 PANASONIC-ECA1EM471 Datasheet
113Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM471 PANASONIC-ECA1EM471 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
List of Unclassifed Man...
ECA1EM471 ETC2-ECA1EM471 Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
Panasonic Semiconductor
ECA1EM471 PANASONIC-ECA1EM471 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results

Similar Description - ECA1EM471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1CM470B PANASONIC-ECA-1CM470B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-2CM010 PANASONIC-ECA-2CM010 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM100 PANASONIC-ECA-1CM100 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM221 PANASONIC-ECA1EM221 Datasheet
113Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM010B PANASONIC-ECA-1HM010B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Battery Group
ECA-1HM470I PANASONICBATTERY-ECA-1HM470I Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Semiconductor
ECA-1CM471BJ PANASONIC-ECA-1CM471BJ Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM4R7B PANASONIC-ECA-1HM4R7B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1VM330B PANASONIC-ECA-1VM330B Datasheet
308Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM221B PANASONIC-ECA-1CM221B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com