Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE2474 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECQE2474
Description  Plastic Film Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2474 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ECQE2474 Datasheet HTML 2Page - Panasonic Semiconductor ECQE2474 Datasheet HTML 3Page - Panasonic Semiconductor ECQE2474 Datasheet HTML 4Page - Panasonic Semiconductor ECQE2474 Datasheet HTML 5Page - Panasonic Semiconductor ECQE2474 Datasheet HTML 6Page - Panasonic Semiconductor ECQE2474 Datasheet HTML 7Page - Panasonic Semiconductor ECQE2474 Datasheet HTML 8Page - Panasonic Semiconductor ECQE2474 Datasheet HTML 9Page - Panasonic Semiconductor ECQE2474 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC37−
Plastic Film Capacitors
■Rating, Dimensions & Quantity/Ammo Box
●Rated voltage : 1000 VDC, Note) 125 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K)
Note) This type has two rated voltage, one is DC rated voltage another is AC rated voltage..
DC rated voltage is 1000 V, AC rated voltage is 125 V.
Making for rated voltage is
「1000 V, 125 V
When capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 Hz or 60 Hz sine wave)
to a capacitor, please refer to the page of ''Permissible voltage (R.M.S) in altering current corresponding to DC rated voltage''.
When capacitors use in primary side of power source, the rated voltage is shown 125 VAC. Voltage to be applied to capacitors in only
sine wave (50 Hz or 60 Hz).
AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''. And not complying with clause 2 of
''Electrical Appliance and Material Safety Law'', in this case please use ECQUL type or ECQUG type
Part No.
0.010
15.5
6.0
11.0
16.0
12.5
12.5
1.0
0.60
0.012
15.5
6.0
12.0
17.0
12.5
12.5
1.0
0.60
0.015
15.5
7.0
12.5
17.5
12.5
12.5
1.0
0.60
0.018
15.5
7.5
13.0
20.0
12.5
12.5
1.0
0.80
0.022
15.5
7.5
15.5
22.5
12.5
12.5
1.0
0.80
0.027
21.0
6.0
13.0
18.0
17.5
12.5
1.0
0.80
0.033
21.0
6.5
14.0
19.0
17.5
12.5
1.0
0.80
0.039
21.0
7.0
14.5
19.5
17.5
12.5
1.0
0.80
0.047
21.0
7.5
15.5
20.5
17.5
12.5
1.0
0.80
0.056
21.0
7.5
17.0
22.0
17.5
12.5
1.0
0.80
0.068
21.0
8.5
18.0
23.0
17.5
12.5
1.0
0.80
0.082
21.0
9.0
18.5
23.5
17.5
12.5
1.0
0.80
0.10
21.0
10.0
20.0
25.0
17.5
12.5
1.0
0.80
0.12
26.0
9.0
18.5
23.5
22.5
17.5
1.0
0.80
0.15
26.0
10.0
20.0
25.0
22.5
17.5
1.5
0.80
0.18
26.0
10.5
22.0
27.0
22.5
17.5
1.5
0.80
0.22
26.0
12.0
23.0
28.0
22.5
17.5
1.5
0.80
ECQE10103
□F()
ECQE10123
□F()
ECQE10153
□F()
ECQE10183
□F()
ECQE10223
□F()
ECQE10273
□F()
ECQE10333
□F()
ECQE10393
□F()
ECQE10473
□F()
ECQE10563
□F()
ECQE10683
□F()
ECQE10823
□F()
ECQE10104
□F()
ECQE10124
□F()
ECQE10154
□F()
ECQE10184
□F()
ECQE10224
□F()
Cap.
(µF)
Min. order Q'ty
500
400
500
400
300
Dimensions (mm)
L max.
T max.
ø d
7.5 mm
H max.
Straight
Crimped lead
Straight
F
Crimped lead
S
Straight
G max.
500
Bulk
Taping
Style D: 0.010 µF to 0.022 µF
Style B: 0.027 µF to 0.22 µF
Suffix for lead crimped or taped type.
Cap. tol. code
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
37


Similar Part No. - ECQE2474

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2474 PANASONIC-ECQE2474 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2474 PANASONIC-ECQE2474 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2474 PANASONIC-ECQE2474 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE2474

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com