Electronic Components Datasheet Search |
|
ECA1EM472 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECA1EM472 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 5 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ M – EEE-111 – 010 Sleeve 14 min. 3 min. L 06.3 L 16 : L±1.0 L 20 : L±2.0 Pressure relief + – 08 0D+0.5 0D+0.5 ■ Features ● Endurance : 85 °C 2000 h ● Smaller than series SU ● RoHS directive compliant Radial Lead Type Series: M Type: A ■ Specifications Category Temp. Range –40 °C to + 85 °C –25 °C to +85 °C Rated W.V. Range 6.3 V.DC to 100 V.DC 160 V.DC to 450 V.DC Nominal Cap. Range 2.2 μF to 22000 μF 1 μF to 470 μF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current I < 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater) I < 0.06 CV +10 (μA) After 2 minutes tan d Please see the attached standard products list Endurance After applying rated working voltage for 2000 hours at +85°C±2 °C, when the capacitors are restored to 20 °C, capacitors shall meet the following limits. Capacitance change ±20 % of initial measured value tan d <150 % of initial specified value DC leakage current <initial specified value Shelf Life After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) ■ Dimensions in mm (not to scale) Body Dia. 0D5 6.3 8 10 12.5 16 18 Lead Dia. 0d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 Lead space F 2.0 2.5 3.5 5.0 5.0 7.5 7.5 Frequency (Hz) 50, 60 120 1 k 10 k to Correction factor 0.70 1.00 1.30 1.70 ■ Frequency correction factor for ripple current (Unit : mm) 02 May. 2014 |
Similar Part No. - ECA1EM472 |
|
Similar Description - ECA1EM472 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |