Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25570 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ25570
Description  Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25570 Datasheet(HTML) 4 Page - Texas Instruments

  BQ25570_14 Datasheet HTML 1Page - Texas Instruments BQ25570_14 Datasheet HTML 2Page - Texas Instruments BQ25570_14 Datasheet HTML 3Page - Texas Instruments BQ25570_14 Datasheet HTML 4Page - Texas Instruments BQ25570_14 Datasheet HTML 5Page - Texas Instruments BQ25570_14 Datasheet HTML 6Page - Texas Instruments BQ25570_14 Datasheet HTML 7Page - Texas Instruments BQ25570_14 Datasheet HTML 8Page - Texas Instruments BQ25570_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
bq25570
SLUSBH2C – MARCH 2013 – REVISED JANUARY 2014
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN_DC, VOC_SAMP, VREF_SAMP, VBAT_OV, VRDIV, OK_HYST,
Input voltage
OK_PROG, VBAT_OK, VBAT, VSTOR, LBOOST, EN, VOUT_EN,
–0.3
5.5
V
VOUT_SET, LBUCK, VOUT(2)
Peak Input Power, PIN_PK
510
mW
Operating junction temperature range, TJ
–40
125
°C
Storage temperature range, TSTG
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS/ground terminal.
THERMAL INFORMATION
bq25570
THERMAL METRIC(1)(2)
UNITS
RGR (20 PINS)
θJA
Junction-to-ambient thermal resistance
34.6
θJCtop
Junction-to-case (top) thermal resistance
49.0
θJB
Junction-to-board thermal resistance
12.5
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
12.6
θJCbot
Junction-to-case (bottom) thermal resistance
1.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
spacing
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN(DC)
DC input voltage into VIN_DC(1)
0.1
5.1
V
VBAT, VOUT
Voltage range(2)
2
5.5
V
CIN
Capacitance on VIN_DC pin
4.7
µF
CSTOR
Capacitance on VSTOR pin
4.7
µF
COUT
Capacitance on VOUT pin
10
22
µF
Capacitance or battery with at least the same equivalent capacitance on
CBAT
100
µF
VBAT pin
CREF
Capacitance on VREF_SAMP that stores the samped VIN reference
9
10
11
nF
ROC1 + ROC2
Total resistance for setting for MPPT reference if needed
18
20
22
M
ROK 1 + ROK 2 + ROK3
Total resistance for setting VBAT_OK threshold voltage.
11
13
15
M
ROUT1 + ROUT2
Total resistance for setting VOUT threshold voltage.
11
13
15
M
ROV1 + ROV2
Total resistance for setting VBAT_OV voltage.
11
13
15
M
L1
Inductance on LBOOST pin
22
µH
L2
Inductance on LBUCK pin
4.7
10
µH
TA
Operating free air ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
105
°C
(1)
Maximum input power
≤ 400 mW. Cold start has been completed
(2)
VBAT_OV setting must be higher than VIN_DC
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: bq25570


Similar Part No. - BQ25570_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25570RGRR TI1-BQ25570RGRR Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger
BQ25570RGRR TI1-BQ25570RGRR Datasheet
1Mb / 40P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
BQ25570RGRT TI1-BQ25570RGRT Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger
BQ25570RGRT TI1-BQ25570RGRT Datasheet
1Mb / 40P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
More results

Similar Description - BQ25570_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25570 TI1-BQ25570 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
BQ25570RGRR TI1-BQ25570RGRR Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger
BQ25504 TI-BQ25504 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Low Power Boost Converter with Battery Management for Energy Harvester Applications
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power Multiplexor
logo
Analog Devices
ADP5360 AD-ADP5360 Datasheet
1Mb / 60P
   Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
logo
Shenzhen Huazhimei Semi...
HM5902 HMSEMI-HM5902 Datasheet
3Mb / 15P
   Power Bank IC with 1A Linear Charger and 1.2A Boost Converter
HM4095 HMSEMI-HM4095 Datasheet
1Mb / 8P
   Buck-Boost Charge Management IC
HM5910 HMSEMI-HM5910 Datasheet
1Mb / 7P
   Low power PMU with 16V linear charger and 5V boost converter
logo
STMicroelectronics
SPV1050 STMICROELECTRONICS-SPV1050 Datasheet
1Mb / 36P
   Ultralow power energy harvester and battery charger
August 2015 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com