Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF226NR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HF226NR
Description  Heavy Duty Safety Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HF226NR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HF226NR Datasheet HTML 1Page - List of Unclassifed Manufacturers HF226NR Datasheet HTML 2Page - List of Unclassifed Manufacturers HF226NR Datasheet HTML 3Page - List of Unclassifed Manufacturers HF226NR Datasheet HTML 4Page - List of Unclassifed Manufacturers HF226NR Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog
4-10
Product Category HDSS
Heavy Duty Safety Switches
Selection
Siemens / Speedfax
Previous folio: 3-10
Updated by S Spencer 10-15-10
0030
HF221N
012
HF221NR
013
0112
03
003
00712
05
0060
HF222N
018
HF222NR
019
03
10
00712
015
10
0100
HF223N
023
HF223NR
024
0712
15
015
030
20
0200
HF224N
047
HF224NR
048
15
025
060
40
0400
HF225NH a
129
HF225NRH a
131
15
050
125
50
0400
HF225N
153
HF225NR
157
15
050
125
50
0600
HF226NH a
133
HF226NRH a
135
15
075
200
50
0600
HF226N
155
HF226NR
159
15
075
200
50
800
HF227N
365
HF227NR
365
100
250
50
1200
HF228Nn
385
HF228NRn
385
100
250
50
240 Volt Fusiblee
2-Pole, 2-Fuse, and Solid Neutralc
(Also used for 2-Pole, 2-Wire Applications)
240 Volt AC/250 Volt DC
0030
HF321N
014
HF321NR
015
0112
03
003
00712
05
0060
HF322N
019
HF322NR
020
03
10
00712
015
10
0100
HF323N
025
HF323NR
026
0712
15
015
030
20
0200
HF324N
049
HF324NR
050
15
025
060
40
0400
HF325NH a
137
HF325NRH a
138
15
050
125
50
0400
HF325N
158
HF325NR
162
15
050
125
50
0600
HF326NH a
139
HF326NRH a
142
15
075
200
50
0600
HF326N
161
HF326NR
165
15
075
200
50
0800
HF327N
375
HF327NR
375
100
250
50
1200
HF328N
395
HF328NR
388
100
250
50
3-Pole, 3-Fuse, and Solid Neutral
(Also used for 3-Pole, 3-Wire Applications)
240 Volt AC/250 Volt DC
0030
HF321S
014
HF321J
014
0112
3
003
00712
0060
HF322S
020
HF322J
020
3
10
00712
015
10
0100
HF323S
025
HF323J
025
0712
15
015
030
20
0200
HF324S
049
HF324J
049
15
025
060
40
400
HF325S
154
HF325Jn
110
15
50
125
50
600
HF326S
157
HF326Jn
161
15
75
200
50
800
HF327Sn
370
HF327Jn
365
100
250
50
3-Pole, 3-Fused
(Also used for 2-Pole, 2-Wire Applications in 400–800A Ratings) 240 Volt AC/250 Volt DC
n
Built to order. Allow 2–3 weeks for delivery.
a
Height reduced switch (45.25 rather than 56 inches in
height) for use with 500MCM or smaller conductors.
b
Dual horsepower ratings: Std.- applies when non-time
delay fuses are installed. Max.- applies when time-
delay fuses are installed.
c
These switches are UL-listed for application on
grounded B-phase systems and are suitable for
3-phase motor applications.
d
When a neutral is required use a field installed
neutral kit.
e
Suitable for use as service entrance equipment.
f
Also rated Type 3S/3R.
g
304 grade stainless steel. For switches with enclosures
constructed from 316 grade stainless steel, see page 4-16.
Indoor — Type 1
Outdoor — Type 3R
Horsepower Ratingsb
240V AC
250
Ship. Wt.
Ship. Wt.
1-Phase,
2-Phase,
3-Phase,
Volt
Ampere
(lbs.)
(lbs.)
2-Wire
4-Wire
3-Wire
DC
System
Rating
Catalog Number
Std. Pkg.
Catalog Number
Std. Pkg.
Std.
Max.
Std.
Max.
Std.
Max.
240 Volt Fusiblee
2-Pole, 2-Fused
240 Volt AC/250 Volt DC
Type 4/4X Stainlessg
Type 12 Industrialf
0030
HF221S
013
HF221J
013
0112
03
003
00712
05
0060
HF222S
019
HF222J
019
03
10
00712
015
10
0100
HF223S
024
HF223J
024
0712
15
015
030
20
0200
HF224S
048
HF224J
048
15
025
060
40


Similar Part No. - HF226NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF226NR ETC2-HF226NR Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF226NR ETC2-HF226NR Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF226NR ETC2-HF226NR Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF226NRH ETC2-HF226NRH Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HF226NRH ETC2-HF226NRH Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
More results

Similar Description - HF226NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HNF361J ETC2-HNF361J Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
HNF361R ETC2-HNF361R Datasheet
1,011Kb / 5P
   Heavy Duty Safety Switches
logo
Littelfuse
5520 LITTELFUSE-5520 Datasheet
716Kb / 2P
   STANDARD HEAVY DUTY TOGGLE SWITCHES
2021 Rev: 020821-B
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
   Standard Heavy Duty Limit Switches
E50RA ETC2-E50RA Datasheet
465Kb / 11P
   Limit Switches E50 Heavy-Duty Plug-In Switches
logo
Littelfuse
956 LITTELFUSE-956 Datasheet
440Kb / 1P
   956 HEAVY DUTY SERIES IGNITION SWITCHES
2021 Rev: 020821-C
9100 LITTELFUSE-9100 Datasheet
351Kb / 1P
   HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
2020 Rev: 081720
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com