Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF57BB3.5X5X1.3 Datasheet(PDF) 3 Page - TDK Electronics

Part # HF57BB3.5X5X1.3
Description  Ferrites for EMI Suppression
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF57BB3.5X5X1.3 Datasheet(HTML) 3 Page - TDK Electronics

  HF57BB3.5X5X1.3 Datasheet HTML 1Page - TDK Electronics HF57BB3.5X5X1.3 Datasheet HTML 2Page - TDK Electronics HF57BB3.5X5X1.3 Datasheet HTML 3Page - TDK Electronics HF57BB3.5X5X1.3 Datasheet HTML 4Page - TDK Electronics HF57BB3.5X5X1.3 Datasheet HTML 5Page - TDK Electronics HF57BB3.5X5X1.3 Datasheet HTML 6Page - TDK Electronics HF57BB3.5X5X1.3 Datasheet HTML 7Page - TDK Electronics HF57BB3.5X5X1.3 Datasheet HTML 8Page - TDK Electronics HF57BB3.5X5X1.3 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FERRITES
(3/9)
001-01 / 20140318 / ferrite_nz_emc_bead1_en.fm
• All specifications are subject to change without notice.
Ferrites for EMI Suppression
Bead cores series are easy to handle and are supplied in various materials, shapes and packaging styles to meet for users’ requests.
FEATURES
Appropriate materials and shapes can be selected from various cores to suppress EMI effectively.
APPLICATION
Imaging devices, audio equipment, automotive electronics, telecommunication devices, office automation equipment, and digital interface
various other cables.
Absorption EMI and penetrating noise
Prevent parasitic oscillation
PART NUMBER CONSTRUCTION
RANGE OF USE AND STORAGE TEMPERATURE
The temperature range has a different case by materials.
The Storage temperature range is for after the circuit board is mounted.
Overview of the BB Series
HF30
BB
1.8
×
5
×
0.7
□□□□
Material
Core shape
Outer diameter
dimensions(A)
Length
dimensions(B)
Inner diameter
dimensions(C)
Internal code
Temperature range
Operating
temperature
Storage
temperature
(°C)
(°C)
–40 to +85
–40 to +85
Product compatible with RoHS directive
Halogen-free
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - HF57BB3.5X5X1.3

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HF57 MERCURY-HF57 Datasheet
118Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
logo
TDK Electronics
HF575018 TDK-HF575018 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF575018 TDK-HF575018 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads
HF575018 TDK-HF575018 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF575018 TDK-HF575018 Datasheet
87Kb / 3P
   RECOMMENDED PC BOARD PATTERNS REFLOW AND FLOW SOLDERINGS
More results

Similar Description - HF57BB3.5X5X1.3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70SH12X0.9X12 TDK-HF70SH12X0.9X12 Datasheet
122Kb / 6P
   Ferrites for EMI Suppression
logo
Samsung semiconductor
CIM10J102NC SAMSUNG-CIM10J102NC Datasheet
757Kb / 5P
   Chip Bead For EMI Suppression
logo
Myrra
74190 MYRRA-74190 Datasheet
128Kb / 1P
   DIMMER CHOKES FOR EMI SUPPRESSION
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
EPCOS
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
Fair-Rite Products Corp...
2673018001 FAIR-RITE-2673018001_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2673022401 FAIR-RITE-2673022401_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com