Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27010 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ27010
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27010 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ27010_13 Datasheet HTML 4Page - Texas Instruments BQ27010_13 Datasheet HTML 5Page - Texas Instruments BQ27010_13 Datasheet HTML 6Page - Texas Instruments BQ27010_13 Datasheet HTML 7Page - Texas Instruments BQ27010_13 Datasheet HTML 8Page - Texas Instruments BQ27010_13 Datasheet HTML 9Page - Texas Instruments BQ27010_13 Datasheet HTML 10Page - Texas Instruments BQ27010_13 Datasheet HTML 11Page - Texas Instruments BQ27010_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
UDG−04096
+
PACK−
PACK+
HDQ
ESDProtection
D2
5.6V
R7
100 Ω
R8
100 Ω
R1
1kΩ
C1
0.1 µF
R2
1kΩ
RS
0.02 Ω
R4
10kΩ
C2
0.1 µF
C3
0.1 µF
C4
0.1 µF
C3
0.1 µF
R3
1kΩ
Li-IonProtector
Li-Ion
or
Li-Pol
PGM TP
1
2
3
4
9
8
7
6
GPIO
SRP
SRN
BAT
RBI
VCC
VSS
D/C
bq27010DRK
5
HDQ
10
PGM
11
Measurements
Charge and Discharge Coulometric and Current Measurements
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
FUNCTIONAL DESCRIPTION (continued)
Figure 3 shows a typical application circuit. Differential sense of the voltage across the current sense resistor,
R
S, improves device performance, leading to an improvement in reported time-to-empty accuracy. An internal
3-µA pull-down on the HDQ or SDA and SCL lines ensures that the device detects a logic 0 on the
communication lines and allows the device to automatically enter the low-power sleep mode when the system
power is switched off or the pack is removed. A 100 k
Ω pullup to V
CC can be added to the communication lines if
this feature needs to be disabled. The bqJUNIOR can operate directly from a single Li-Ion or Li-Pol cell.
Figure 3. Typical Application Circuit (bq27010)
As shown in the functional block diagram, the bqJUNIOR uses a dedicated fully differential Delta-Sigma
Coulomb Counter (DSCC) for charge and discharge current and coulometric measurements and an
analog-to-digital converter (ADC) for battery voltage and temperature measurements. Both DSCC and ADC are
automatically compensated for offset. No user calibration or compensation is required. An EEPROM offset value
can be programmed to compensate for contributions to the DSCC offset due to the PCB layout.
The bqJUNIOR uses a DSCC to perform a continuous integration of the voltage waveform across a small value
sense resistor in the negative lead of the battery, as shown in Figure 3. The integration of the voltage across the
sense resistor is the charge added or removed from the battery. Because the DSCC does a direct integration of
the waveform, the shape of the current waveform through the sense resistor does not have any effect on the
coulometric measurement accuracy. The low-pass filter that feeds the sense resistor voltage to the bqJUNIOR
SRP and SRN inputs filters out system noise and does not affect the coulometric measurement accuracy,
because the low-pass filter does not change the integrated value of the waveform. The bqJUNIOR also uses the
DSCC to measure current. The reported current is determined by the average voltage across the sense resistor
over a 5.12 second interval.
8
Submit Documentation Feedback


Similar Part No. - BQ27010_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results

Similar Description - BQ27010_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27210 TI-BQ27210 Datasheet
397Kb / 30P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com