Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27530-G1 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ27530-G1
Description  Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27530-G1 Datasheet(HTML) 5 Page - Texas Instruments

  BQ27530-G1_14 Datasheet HTML 1Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 2Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 3Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 4Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 5Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 6Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 7Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 8Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
bq27530-G1
www.ti.com
SLUSAL5 – DECEMBER 2012
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
VALUE
UNIT
VREGIN
Regulator input range
–0.3 to 5.5
V
–0.3 to 6.0 (2)
V
VCE
CE input pin
–0.3 to VREGIN + 0.3
V
VCC
Supply voltage range
–0.3 to 2.75
V
VIOD
Open-drain I/O pins (SDA, SCL, SOC_INT)
–0.3 to 5.5
V
VBAT
BAT input pin
–0.3 to 5.5
V
–0.3 to 6.0 (2)
V
VI
Input voltage range to all other pins
–0.3 to VCC + 0.3
V
(BI/TOUT, TS, SRP, SRN, BSDA, BSCL)
Human-body model (HBM), BAT pin
1.5
ESD
kV
Human-body model (HBM), all other pins
2
TA
Operating free-air temperature range
–40 to 85
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Condition not to exceed 100 hours at 25 °C lifetime.
RECOMMENDED OPERATING CONDITIONS
TA = -40°C to 85°C, VREGIN = VBAT = 3.6V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
No operating restrictions
2.8
4.5
VREGIN
Supply voltage
V
No FLASH writes
2.45
2.8
External input capacitor for internal
CREGIN
0.1
μF
Nominal capacitor values specified.
LDO between REGIN and VSS
Recommend a 5% ceramic X5R type
External output capacitor for internal
capacitor located close to the device.
CLDO25
0.47
1
μF
LDO between VCC and VSS
tPUCD
Power-up communication delay
250
ms
SUPPLY CURRENT
TA = 25°C and VREGIN = VBAT = 3.6V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fuel gauge in NORMAL mode.
ICC
(1)
Normal operating-mode current
118
μA
ILOAD > Sleep Current
Fuel gauge in SLEEP+ mode.
ISLP+
(1)
Sleep+ operating mode current
62
μA
ILOAD < Sleep Current
Low-power storage-mode
Fuel gauge in SLEEP mode.
ISLP
(1)
23
μA
current
ILOAD < Sleep Current
Hibernate operating-mode
Fuel gauge in HIBERNATE mode.
IHIB
(1)
8
μA
current
ILOAD < Hibernate Current
(1)
Specified by design. Not production tested.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :bq27530-G1


Similar Part No. - BQ27530-G1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results

Similar Description - BQ27530-G1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27532-G1 TI1-BQ27532-G1 Datasheet
1Mb / 35P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_08 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com