Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27530-G1 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ27530-G1
Description  Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27530-G1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ27530-G1_14 Datasheet HTML 4Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 5Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 6Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 7Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 8Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 9Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 10Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 11Page - Texas Instruments BQ27530-G1_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
bq27530-G1
SLUSAL5 – DECEMBER 2012
www.ti.com
DATA FLASH MEMORY CHARACTERISTICS
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
(1)
Data retention
10
Years
Flash-programming write
20,000
Cycles
cycles(1)
tWORDPROG
(1)
Word programming time
2
ms
ICCPROG
(1)
Flash-write supply current
5
10
mA
tDFERASE
(1)
Data flash master erase time
200
ms
tIFERASE
(1)
Instruction flash master erase
200
ms
time
tPGERASE
(1)
Flash page erase time
20
ms
(1)
Specified by design. Not production tested
I
2C-COMPATIBLE INTERFACE COMMUNICATION TIMING CHARACTERISTICS
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
SCL/SDA rise time
300
ns
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse duration (high)
600
ns
tw(L)
SCL pulse duration (low)
1.3
μs
tsu(STA)
Setup for repeated start
600
ns
td(STA)
Start to first falling edge of SCL
600
ns
tsu(DAT)
Data setup time
100
ns
th(DAT)
Data hold time
0
ns
tsu(STOP)
Setup time for stop
600
ns
t(BUF)
Bus free time between stop and
66
μs
start
fSCL
Clock frequency (1)
400
kHz
(1)
If the clock frequency (fSCL) is > 100 kHz, use 1-byte write commands for proper operation. All other transactions types are supported at
400 kHz. (Refer to I2C INTERFACE and I2C Command Waiting Time)
Figure 1. I2C-Compatible Interface Timing Diagrams
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :bq27530-G1


Similar Part No. - BQ27530-G1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results

Similar Description - BQ27530-G1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27532-G1 TI1-BQ27532-G1 Datasheet
1Mb / 35P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_08 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com