Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

672-290-22_1310 Datasheet(PDF) 3 Page - Marl International Limited

Part # 672-290-22_1310
Description  Black anodised aluminium housing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

672-290-22_1310 Datasheet(HTML) 3 Page - Marl International Limited

  672-290-22_1310 Datasheet HTML 1Page - Marl International Limited 672-290-22_1310 Datasheet HTML 2Page - Marl International Limited 672-290-22_1310 Datasheet HTML 3Page - Marl International Limited 672-290-22_1310 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
672 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph A
10
20
30
40
50
6
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
also available
Part numbers also available in the 672 series:
Part
Number
Colour
Voltage
Vopr
672-289-21
Red
12 Vdc
672-289-76
Red
230 Vac 50 Hz
672-290-00-51
Red
220 Vdc
672-290-22-15
Red
24 Vdc
672-290-26
Red
230 Vdc
672-290-75-51
Red
110 Vac 50 Hz
672-290-76
Red
230 Vac 50 Hz
672-291-00-51
Yellow
220 Vdc
672-291-21
Yellow
12 Vdc
672-291-76
Yellow
230 Vac 50 Hz
672-292-00-51
Green
220 Vdc
672-292-21
Green
12 Vdc
672-292-23
Green
28 Vdc
672-292-26
Green
230 Vdc
672-292-76
Green
230 Vac 50 Hz
672-293-21
Yellow
12 Vdc
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 672 - version 2013-10-28-173551
page 3 of 4


Similar Part No. - 672-290-22_1310

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
672-290-22_1310 MARL-672-290-22_1310 Datasheet
526Kb / 4P
   high performance panel lamps
More results

Similar Description - 672-290-22_1310

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
651-105-21_1309 MARL-651-105-21_1309 Datasheet
430Kb / 5P
   Black anodised aluminium housing
643-503-04_1312 MARL-643-503-04_1312 Datasheet
401Kb / 4P
   Black anodised aluminium housing
671-290-22_1312 MARL-671-290-22_1312 Datasheet
374Kb / 4P
   Black anodised aluminium housing
677-501-21_1312 MARL-677-501-21_1312 Datasheet
459Kb / 5P
   Black anodised aluminium housing
610-301-21_1309 MARL-610-301-21_1309 Datasheet
402Kb / 4P
   Black anodised aluminium housing
676-501-21_1312 MARL-676-501-21_1312 Datasheet
421Kb / 4P
   Black anodised aluminium housing
665-501-04-50_1312 MARL-665-501-04-50_1312 Datasheet
397Kb / 4P
   Hard black anodised aluminium housing
671 MARL-671 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
684 MARL-684 Datasheet
415Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
643 MARL-643 Datasheet
401Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com