Electronic Components Datasheet Search |
|
HF368NR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
HF368NR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 5 page 4-13 Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog Product Category HDSS Heavy Duty Safety Switches Type 4/4X & 12 with Viewing Window Selection Siemens / Speedfax Previous folio: 3-13 Updated by S Spencer 10-15-10 Description 30–600A, 3-pole 600V max. in fusible and non-fusible versions in Type 4/4X stainless steel and Type 12 enclosures. All allow viewing of visible blade position. 30–200A also allow viewing of indicating type fuses. Features b Rugged installer-friendly enclosure design features a gasket flange with continuously welded seams b Tool-free cover latches b Two, three and four point mounting b Metal handle with large insulating grip features a positive stop in both ON and OFF position b Ground lugs provided as standard b Type 12 enclosures are fabricated from galvanized steel and are also rated for 3R/3S outdoor applications b Type 4X stainless steel switches (30–200A) are provided with stainless steel interior parts b The widest range of accessories available including 200% neutrals, gold plated PLC auxiliary contacts and isolated ground kits Maximum Horsepower Ratingsb Ampere Ship. 240V AC 480V AC 600V AC 250V 600V System Rating Catalog Number Wt. (lbs.) 1-Phase, 2-Wire 3-Phase, 3-Wire 3-Phase, 3-Wire 3-Phase, 3-Wire DC DC 3-Pole, 3-Wire Non-Fusible, Type 12cd 600 Volt AC / 250 Volt DCa 3-Pole, 3-Wire Fusible, Type 4X Stainless Steeldf 600 Volt AC / 250 Volt DCa 3-Pole, 3-Wire Non-Fusible, Type 4X Stainless Steeldf 600 Volt AC / 250 Volt DCa 3-Pole, 3-Wire Fusible, Type 12cd 600 Volt AC / 250 Volt DCa 30 HF361JW 17 3 7 1/2 15 20 5 — 60 HF362JW 22 10 15 30 50 10 30e 100 HF363JW 26 15 30 60 75 20 50e 200 HF364JW 53 — 60 125 150 40 50 400 HF365JW 166 — 125 250 350 50 — 600 HF366JW 168 — 200 400 500 50 — NEW 3-Pole, 3-Wire Fusible, Type 3Rd 600 Volt AC / 250 Volt DCa 30 HF361RW 17 3 7 1/2 15 20 5 — 60 HF362RW 22 10 15 30 50 10 30e NEW 3-Pole, 3-Wire Non-Fusible, Type 3Rd 600 Volt AC / 250 Volt DCa 30 HNF361RW 14 3 10 20 30 5 — 60 HNF362RW 21 10 20 50 60 10 30e 30 HNF361JW 14 3 10 20 30 5 — 60 HNF362JW 21 10 20 50 60 10 30e 100 HNF363JW 25 15 40 75 100 20 50e 200 HNF364JW 51 15 60 125 150 40 50 400 HNF365JW 133 15 125 250 350 50 — 30 HF361SW 17 3 7 1/2 15 20 5 — 60 HF362SW 23 10 15 30 50 10 30e 100 HF363SW 28 15 30 60 75 20 50e 200 HF364SW 55 — 60 125 150 40 50 400 HF365SW 168 15 125 250 350 50 — 30 HNF361SW 15 3 10 20 30 5 — 60 HNF362SW 23 10 20 50 60 10 30e 100 HNF363SW 27 15 40 75 100 20 50e 200 HNF364SW 54 15 60 125 150 40 50 400 HNF365SW 134 15 125 250 350 50 — a 200A switches are also rated 600V DC. b Maximum HP ratings listed apply only when time delay fuses are used. c Also rated 3S/3R for outdoor use. d All switches are suitable for use as service entrance equipment. Use outside poles of 3-pole switch for 2-pole application. e 600V DC and 600V DC horsepower rating shown requires (2) poles to be connected in series. f 304 grade stainless steel. For switches with enclosures constructed from 316 grade stainless steel, see page 4-16. |
Similar Part No. - HF368NR |
|
Similar Description - HF368NR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |