Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS4-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HS4-12
Description  HEX SPACER STANDOFFS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HS4-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HS4-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
11/16/00
RG
FILE # WAS 02010
B
10/02/02
SM
SEE ECN #477 FOR CHANGES
C
07/02/04
SM
SEE ECN #816 FOR CHANGES
D
07/10/07
SK
SEE ECN #1337 FOR CHANGES
"LENGTH"
"D"
"H"
NOTES:
1. MATERIAL: CPVC (RMS-11)
2. COLOR: LIGHT GRAY.
PRINT
TYPE
A
C
SEE TABLE
PART #
CHKD:
APP:
DWN:
DT:
SHEET SIZE:
SHEET:
FILE #:
1 OF 2
A
07/02/04
-
HS
SM
-
FINAL
DWG IN
IN [MM]
RICHCO, INC.
ENG@RICHCO-INC.COM
(773) 539-4060
RE:
RICHCO, INC.
CREATED USING
SOLIDWORKS
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
ANG.=±1°
TITLE:
HEX SPACER STANDOFFS
DESCRIPTION
ENGR.
DATE
REV.


Similar Part No. - HS4-12

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
HS4-12 RICHCO-HS4-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
More results

Similar Description - HS4-12

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
HS-4-3 RICHCO-HS-4-3 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS-4-8 RICHCO-HS-4-8 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
List of Unclassifed Man...
M1308-3005-N ETC2-M1308-3005-N Datasheet
300Kb / 1P
   6mm HEX FEMALE STANDOFFS
2149 ETC2-2149 Datasheet
110Kb / 2P
   HEX MALE/FEMALE STANDOFFS
logo
RAF ELECTRONIC HARDWARE
2059-256-AL RAF-2059-256-AL Datasheet
135Kb / 1P
   3/16 HEX FEMALE STANDOFFS
2100-440-SS RAF-2100-440-SS Datasheet
76Kb / 1P
   1/4 HEX FEMALE STANDOFFS
2100T-440-AL RAF-2100T-440-AL Datasheet
78Kb / 1P
   1/4 HEX FEMALE STANDOFFS
2103-440-N RAF-2103-440-N Datasheet
87Kb / 1P
   1/4 HEX FEMALE STANDOFFS
2103-632-AL RAF-2103-632-AL Datasheet
83Kb / 1P
   1/4 HEX FEMALE STANDOFFS
2117-632-AL RAF-2117-632-AL Datasheet
99Kb / 1P
   1/4 HEX FEMALE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com