Electronic Components Datasheet Search |
|
IF0505XT-1WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd. |
|
IF0505XT-1WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd. |
3 / 4 page DC/DC Converter IF_XT-1WR2 series 2014.05.22-A/1 Page 3 of4 MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation IF1205XT-1WR2 50 55 60 65 70 75 80 85 90 95 100 Input Voltage(V) Efficiency Vs Input Voltage(Full Load) IF1205XT-1WR2 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 50 60 70 80 90 100 Output Current Percentage(%) Efficiency Vs Output Load(Vin=Vin-nominal) Design Reference 1. Typical application If it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see Fig.2. Moreover, choosing suitable filter capacitor is very important , start-up problems may be caused by too large capacitance.To ensured the modules running well, the recommended capacitive load values as shown in Table 1. Vin GND +Vo 0V DC Cin DC Cout Fig.2 Recommended capacitive load value table (Table 1) Vin(VDC) Cin(µF) Vo (VDC) Cout(µF) 5 4.7 3.3/5 10 12 2.2 12 2.2 24 1 15 1 It is not recommended to connect any external capacitor when output power is less than 0.5W. 2. EMC typical recommended circuit Vin GND +Vo 0V DCDC LOAD LDM C1 Vin GND C2 Fig.3 Input voltage (V) 5/12/24 EMI C1 4.7µF /50V C2 Refer to the Cout in Fig.2 LDM 6.8µH Note: It is not needed to add the component in the peripheral circuit when parameter with the symbol of "--" 3. Output load requirements To ensure the module work efficiently and reliably, during the operation, the min. output load should be no less than 10% of the full load. If the actual output power is low, please connecta resister to the output terminal in parallel, with a recommenced resistance which is 10% of the rated power, and derating is required during operation. 4. For more information please find DC-DC converter application notes on www.mornsun-power.com |
Similar Part No. - IF0505XT-1WR2 |
|
Similar Description - IF0505XT-1WR2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |