Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-150NB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT-150NB
Description  HT-150 Series Top View LED(PCB type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-150NB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT-150NB Datasheet HTML 1Page - List of Unclassifed Manufacturers HT-150NB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Package Outline Dimensions
7
6
Recommended Soldering Pattern
Directive Characteristics
Unit: mm
(Unit:mm Tolerance:+/-0.1)
24
Forward Current(mA)
0
0
6
12
18
30
90
30
60
NG/NB
120
150
Relative Intensity vs. Forward Current
40
0
0
Forward Current(mA)
Relative Intensity vs. Forward Current
30
20
10
40
80
120
160
UR
YG/Y/D/SD
1.5
0
Forward Voltage (V)
1.7
1.9
2.1
2.3
2.5
18
6
12
24
30
UR
SD
D
YG
Y
30
30
0
0
Forward Current(mA)
12
6
24
18
60
90
120
150
Relative Intensity vs. Forward Current
6
1.5
0
Forward Voltage (V)
1.7
1.9
2.3
2.1
2.5
12
18
24
30
UYG
UY/UD/USD
Polarity
1.6
Cathode mark
LED Die
Cathode side
PCB
Resin
1.1
1.5
1.5
2.0
HT-150 Series Top View LED(PCB type)
30
-30
-60
0
0
50%
50%
100%
100%
60
30
-30
-60
0
0
50%
50%
100%
100%
60
Absolute Maximum Ratings
Forward Current vs. Forward Voltage
NB
NG
0
2.0
6
12
24
18
30
Forward Voltage (V)
2.8
2.4
3.2
3.6
4.0
Forward Current vs. Forward Voltage
Forward Current vs. Forward Voltage
Forward Current vs. Ambient Temperature
5
0
20
15
10
25
30
35
0
10
20
40
30
50
60
70
80
90
100
GaP/GaAsP
Ambient Temperature(OC)
AlInGaP/AlGaAs
InGaN
Features
Electrical / Optical Characteristics
Polarity reference for cathode mark is reversed for UR.
Power Dissipation
DC Forward Current
Pulsed Forward Current
Operating Temperature
Storage Temperature
Item
Symbol
Unit
D
P
F
I
FP*
I
R
V
ST
T
OP
T
mW
mA
mA
V
GaP
GaAsP
AIGaAs
AllnGaP
InGaN
65
25
100
65
25
100
66
30
100
72
30
100
78
20
80
5
-30 to 80
-40 to 85
(Ta=25 ℃)
Reverse Voltage
O
C
O
C
* 0.1msec pulse, 10% duty cycle.
O
C
Material
Luminous Intensity (mcd)*
IF ( mA )
Forward Voltage(VF)
*Per NIST standards
Wavelength (nm) typ.
HT-150YG
HT-150Y
HT-150D
HT-150SD
HT-150UR
HT-150NB
HT-150NG
HT-150TW
HT-150TW5
HT-150NG5
HT-150NB5
HT-150UYG
HT-150UY
HT-150UD
HT-150USD
GaP
GaAsP
GaAsP
GaAsP
AlGaAs
lnGaN
lnGaN
lnGaN
lnGaN
lnGaN
lnGaN
AllnGaP
AllnGaP
AllnGaP
AllnGaP
140
140
140
140
140
140
140
140
140
140
140
140
140
140
140
typ.
2.2
2.1
2.1
2.1
1.8
3.3
2.8
3.3
2.8
3.3
2.8
2.0
1.9
1.9
1.9
2.6
2.6
2.6
2.6
2.2
max.
3.9
3.15
3.9
3.15
3.9
3.15
2.4
2.4
2.4
2.4
568
589
610
642
660
P
λ
468
470
520
522
-
-
574
593
609
636
30
35
35
35
20
λ
40
40
-
40
40
-
20
15
17
17
573
590
608
629
643
D
λ
470
472
527
529
x=0.29
y=0.31
x=0.29
y=0.32
573
591
605
622
9
3.6
6.2
5.6
9
min.
25
9
65
15
140
25
35
40
50
50
typ.
20
9
9
14
21
70
25
160
45
220
60
60
90
120
120
20
20
20
20
20
5
5
5
20
20
20
20
20
20
20
Yellow Green
Yellow
Amber
Super Bright Orange
Super Bright Red
Ultra Bright Yellow Green
Ultra Bright Yellow
Ultra Bright Amber
Ultra Bright Orange
Blue
Green
White
Blue
Green
White
Viewing
Angle
2 _12
Emitting color
Part Number


Similar Part No. - HT-150NB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT-150NB ETC2-HT-150NB Datasheet
978Kb / 2P
   HT-150 Series Top View LED(PCB type)
logo
Elite Enterprises (H.K....
HT-150NB ELITE-HT-150NB Datasheet
306Kb / 2P
   Visible LED
logo
List of Unclassifed Man...
HT-150NB5 ETC2-HT-150NB5 Datasheet
978Kb / 2P
   HT-150 Series Top View LED(PCB type)
More results

Similar Description - HT-150NB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT-150NB ETC2-HT-150NB Datasheet
978Kb / 2P
   HT-150 Series Top View LED(PCB type)
HT-155SD ETC2-HT-155SD Datasheet
880Kb / 2P
   HT-155 Series Top View LED (PCB type)
HT-380FCH ETC2-HT-380FCH Datasheet
695Kb / 2P
   HT-380 Series Top View LED (PCB type)
logo
LUMEX INC.
SML-LX1206UPGC-TR LUMEX-SML-LX1206UPGC-TR Datasheet
110Kb / 2P
   PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SUGC-TR LUMEX-SML-LX1206SUGC-TR Datasheet
418Kb / 2P
   PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SRC-TR LUMEX-SML-LX1206SRC-TR_17 Datasheet
420Kb / 2P
   PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SOC-TR LUMEX-SML-LX1206SOC-TR Datasheet
419Kb / 2P
   PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SRW-TR LUMEX-SML-LX1206SRW-TR Datasheet
433Kb / 2P
   PCB SURFACE MOUNT TOP VIEW LED
logo
Everlight Electronics C...
45-21UYC-S530-XX-TR8 EVERLIGHT-45-21UYC-S530-XX-TR8 Datasheet
150Kb / 10P
   Top View LED
logo
Seoul Semiconductor
SWT821-S SEOUL-SWT821-S Datasheet
615Kb / 16P
   Top View LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com