Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV2603 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV2603
Description  Haptic Drive with Auto-Resonance Detection for Linear Resonance Actuators (LRA)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV2603 Datasheet(HTML) 2 Page - Texas Instruments

  DRV2603_14 Datasheet HTML 1Page - Texas Instruments DRV2603_14 Datasheet HTML 2Page - Texas Instruments DRV2603_14 Datasheet HTML 3Page - Texas Instruments DRV2603_14 Datasheet HTML 4Page - Texas Instruments DRV2603_14 Datasheet HTML 5Page - Texas Instruments DRV2603_14 Datasheet HTML 6Page - Texas Instruments DRV2603_14 Datasheet HTML 7Page - Texas Instruments DRV2603_14 Datasheet HTML 8Page - Texas Instruments DRV2603_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EN
PWM
NC
OUT -
VDD
GND
OUT +
LRA / ERM
GND
GND
5
10
1
2
3
4
9
8
7
6
DRV2603
SLOS754A – JUNE 2012 – REVISED JANUARY 2014
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
Part Number
Package
Symbolization
DRV2603RUNR
10-pin, 2 mm x 2 mm x 0.75 mm, RUN
2603
DRV2603RUNT
10-pin, 2 mm x 2 mm x 0.75 mm, RUN
2603
PINOUT INFORMATION
10-PIN RUN
PIN FUNCTIONS
PIN
INPUT/
OUTPUT/
DESCRIPTION
NAME
NUMBER
POWER (I/O/P)
PWM
2
I
Input signal
EN
1
I
Device enable
LRA/ERM
3
I
Mode selection
GND
5, 8, 10
P
Supply ground
NC
4
I
No Connection
OUT–
6
O
Negative haptic driver differential output
OUT+
9
O
Positive haptic driver differential output
VDD
7
P
Supply Input (2.5 V to 5.5 V)
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range, TA = 25°C (unless otherwise noted)
VALUE
UNIT
Supply voltage
VDD
–0.3 to 6.0
V
VI
Input voltage
EN, PWM, LRA/ERM
–0.3 to VDD + 0.3
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
HBM
2000
V
ESD Protection
CDM
500
V
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links :DRV2603


Similar Part No. - DRV2603_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2603RUN TI1-DRV2603RUN Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2603RUNR TI1-DRV2603RUNR Datasheet
454Kb / 7P
[Old version datasheet]   Haptic Driver with Auto Resonance Tracking for Linear Resonance Actuators (LRA) and Optimized Drive for Eccentric Rotating Mass Actuators (ERM)
DRV2603RUNT TI1-DRV2603RUNT Datasheet
454Kb / 7P
[Old version datasheet]   Haptic Driver with Auto Resonance Tracking for Linear Resonance Actuators (LRA) and Optimized Drive for Eccentric Rotating Mass Actuators (ERM)
More results

Similar Description - DRV2603_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2603 TI1-DRV2603 Datasheet
454Kb / 7P
[Old version datasheet]   Haptic Driver with Auto Resonance Tracking for Linear Resonance Actuators (LRA) and Optimized Drive for Eccentric Rotating Mass Actuators (ERM)
logo
List of Unclassifed Man...
FAH4840-269128 ETC2-FAH4840-269128 Datasheet
1Mb / 21P
   FAH4840 Haptic Driver for Linear Resonant Actuators (LRAs)
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Fairchild Semiconductor
FAH4830 FAIRCHILD-FAH4830 Datasheet
604Kb / 15P
   Haptic Driver for DC Motors (ERMs) and Linear Resonant Actuators (LRAs)
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
   evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
   Hybrid Linear Actuators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com