Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV2603 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV2603
Description  Haptic Drive with Auto-Resonance Detection for Linear Resonance Actuators (LRA)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV2603 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV2603_14 Datasheet HTML 5Page - Texas Instruments DRV2603_14 Datasheet HTML 6Page - Texas Instruments DRV2603_14 Datasheet HTML 7Page - Texas Instruments DRV2603_14 Datasheet HTML 8Page - Texas Instruments DRV2603_14 Datasheet HTML 9Page - Texas Instruments DRV2603_14 Datasheet HTML 10Page - Texas Instruments DRV2603_14 Datasheet HTML 11Page - Texas Instruments DRV2603_14 Datasheet HTML 12Page - Texas Instruments DRV2603_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Input
Output Drive
3.3 V
0 V
0%
50%
100%
-3.3 V
PWM Input Duty Cycle
DRV2603
www.ti.com
SLOS754A – JUNE 2012 – REVISED JANUARY 2014
ECCENTRIC ROTATING MASS MOTORS (ERM)
Eccentric Rotating Mass motors, or ERMs, are typically DC-controlled motors of the bar or coin type. ERMs can
be driven in the clockwise direction or counter-clockwise depending on the polarity of voltage across its two
terminals. Bi-directional drive is made possible in a single-supply system by differential outputs that are capable
of sourcing and sinking current. This feature helps eliminate long vibration tails which are undesirable in haptic
feedback systems..
Figure 13. Reversal of Motor Direction
Another common approach to driving DC motors is the concept of overdrive voltage. To overcome the inertia of
the motor's mass, they are often overdriven for a short amount of time before returning to the motor's rated
voltage to sustain the motor's rotation. Negative overdrive is also used to stop (or brake) an ERM quickly by
reversing the magnetic field of the driving coil(s).
ERM MODE
The DRV2603 is a compact, cost-effective driver solution for ERM motors. Most competing solutions require
external components for biasing or level-shifting, but the DRV2603 requires only one decoupling capacitor giving
a total approximate circuit size of 2 mm by 2 mm. This small solution size still comes packed with features such
as a level-shifted input, differential outputs for braking, constant drive strength over supply, edge rate control, and
a wide input PWM frequency range.
When in ERM mode, the DRV2603 employs a simple control scheme. A 100% input duty cycle gives full-strength
forward rotation, a 50% input duty cycle give no rotation strength, and a 0% duty cycle give full-strength reverse
rotation. Forcing the motor velocity towards reverse rotation is used to implement motor braking in ERMs. By
stringing together various duty cycles over varying amounts of time, a haptic motor control signal will be
constructed at the output to precisely drive the motor.
Figure 14. ERM Mode
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :DRV2603


Similar Part No. - DRV2603_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2603RUN TI1-DRV2603RUN Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2603RUNR TI1-DRV2603RUNR Datasheet
454Kb / 7P
[Old version datasheet]   Haptic Driver with Auto Resonance Tracking for Linear Resonance Actuators (LRA) and Optimized Drive for Eccentric Rotating Mass Actuators (ERM)
DRV2603RUNT TI1-DRV2603RUNT Datasheet
454Kb / 7P
[Old version datasheet]   Haptic Driver with Auto Resonance Tracking for Linear Resonance Actuators (LRA) and Optimized Drive for Eccentric Rotating Mass Actuators (ERM)
More results

Similar Description - DRV2603_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2603 TI1-DRV2603 Datasheet
454Kb / 7P
[Old version datasheet]   Haptic Driver with Auto Resonance Tracking for Linear Resonance Actuators (LRA) and Optimized Drive for Eccentric Rotating Mass Actuators (ERM)
logo
List of Unclassifed Man...
FAH4840-269128 ETC2-FAH4840-269128 Datasheet
1Mb / 21P
   FAH4840 Haptic Driver for Linear Resonant Actuators (LRAs)
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Fairchild Semiconductor
FAH4830 FAIRCHILD-FAH4830 Datasheet
604Kb / 15P
   Haptic Driver for DC Motors (ERMs) and Linear Resonant Actuators (LRAs)
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
   evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
   Hybrid Linear Actuators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com