Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URA2405LD-20W Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Part # URA2405LD-20W
Description  REGULATEDDUAL OUTPUT DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA2405LD-20W Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  URA2405LD-20W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URA2405LD-20W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA2405LD-20W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA2405LD-20W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA2405LD-20W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URA2405LD-20W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_LD-15W&URA_LD-20W
2013.06.13-B/1
Page 6 of 6
HEATSINK ASSEMBLY & PACKAGE DIAGRAM
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN CONSIDERATIONS
1) Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full
load. If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or
use our company
’s products with a lower rated output power.
2) Recommended circuit
All the URA_LD-15W&URA_LD-20W Series have been tested according to the following recommended testing circuit before leaving factory. This
series should be tested under load. Never be tested under no load (see Figure 3).
If you want to further decrease the output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, th e
capacitance can
’t exceed the maximum capacitor load in the list (Table 1).
Vin
GND
+Vo
0V
Cin
Cout
DC
DC
-Vo
Cout
Dual Output
(Figure 3)
3) Cannot use in parallel and hot swap
EXTERNAL CAPACITOR TABLE (TABLE 1)
Capacitance
Vout(VDC)
Cout
# (µF)
Cin(
µF)
±5
220
±12
100
±15
100
100
Note:
# For each output.
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed.
2. Max. Capacitive Load tested at input voltage range and full load.
3. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on our corporate standards.
5. All characteristics are for listed model only, non-standard models may perform differently, please contact our technical person for more detail.
6. Contact us for your specific requirement.
7. Specifications subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Similar Part No. - URA2405LD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405LD-20WR2 MORNSUN-URA2405LD-20WR2 Datasheet
1Mb / 10P
   REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
URA2405LD-20WR3 MORNSUN-URA2405LD-20WR3 Datasheet
539Kb / 8P
   DC/DC Converter
URA2405LD-20WR3 MORNSUN-URA2405LD-20WR3 Datasheet
3Mb / 9P
   DC/DC Converter
URA2405LD-20WR3 MORNSUN-URA2405LD-20WR3_15 Datasheet
3Mb / 9P
   DC/DC Converter
More results

Similar Description - URA2405LD-20W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YMD-5W MICRODC-WRA-YMD-5W Datasheet
556Kb / 2P
   WIDE INPUT,ISOLATED & REGULATEDDual/Single OutputDC/DC Converter
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
D030505M-1W MORNSUN-D030505M-1W Datasheet
125Kb / 3P
   TWIN OUTPUT DC-DC CONVERTER
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com