Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URC240515D-30WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # URC240515D-30WR2
Description  REGULATED THREE OUTPUT DIP DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URC240515D-30WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  URC240515D-30WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URC240515D-30WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URC240515D-30WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URC240515D-30WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URC240515D-30WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URC240515D-30WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URC_D-30WR2
2013.03.11-A/0
Page 4 of 6
URC240515D-30WR2
RE(Horizontal)
URC240515D-30WR2
RE(Vertical)
PRODUCT TYPICAL CURVE
Operating Temp(
°C)
0
20
40
60
80
100
120
-40
0
40
85
120
70
60
Without heatsink
With heatsink
Safe Operating Area
Temperature Derating Graph
(Figure 3)
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
90
95
100
9
12
15
18
21
24
27
30
33
36
Input Voltage(V)
URC240515D-30WR2
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
5
10 20 30 40 50 60 70 80 90 100
Total Output Current (%)
URC240515D-30WR2
DIMENSIONS,RECOMMENDED FOOTPRINT & PACKAGING


Similar Part No. - URC240515D-30WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URC240515D-30W MORNSUN-URC240515D-30W Datasheet
632Kb / 5P
    REGULATED THREE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - URC240515D-30WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URC240312D-30W MORNSUN-URC240312D-30W Datasheet
632Kb / 5P
    REGULATED THREE OUTPUT DIP DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
logo
Minmax Technology Co., ...
MDWI08 MINMAX-MDWI08 Datasheet
430Kb / 4P
   DC/DC CONVERTER 8W, Regulated Output, DIP Package
logo
MORNSUN Science& Techno...
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com