Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFB2405YMD-5W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # VFB2405YMD-5W
Description  REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VFB2405YMD-5W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  VFB2405YMD-5W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VFB2405YMD-5W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
VFA_YMD-5W & VFB_YMD-5W
B/1-2012
Page 2 of 2
OUTPUT SPECIFICATIONS
APPLICATION NOTE
Item
Test Conditions
Min.
Typ.
Max.
Units
Recommended Circuit
All the VFA_YMD-5W & VFB_YMD-5W Series
have been tested according to the following
recommended testing circuit before leaving factory.
This series should be tested under load. Never be
tested under no load (see Figure 1).
Vin
GND
+Vo
0V
Cin
Cout
Vin
GND
+Vo
0V
Cin
Cout
DC
DC
-Vo
Cout
Dual Output
Single Output
DC
DC
(Figure 1)
If you want to further decrease the output ripple,
you can increase capacitance properly or choose
capacitors with low ESR. However, the capacitance
should not be too high.(Table 1).
External Capacitor Table(Table 1)
Capacitance
Output
Voltage
Cout
Cin(12V,24V,
48V input)
Single
5V
220µF
100µF
12V,15V,
100µF
24V
47µF
Dual
±5V
±100µF
±12V,±15V
±47µF
Output power
See product program
0.5
--
5
W
Positive voltage accuracy
Refer to recommended circuit
--
±1
±3
%
Negative voltage accuracy
Refer to recommended circuit
--
±3
±5
Load regulation
From 10% to 100% load
--
±0.5
±1*
Line regulation(at full load)
Input voltage from low to high
--
±0.2
±0.5
Temperature drift (Vout)
Refer to recommended circuit
--
0.02
--
%/°C
Ripple**
20MHz bandwidth
--
30
50
mVp-p
Noise**
20MHz bandwidth
--
75
150
Switching frequency
100% load, input voltage range
--
300
--
KHz
*Dual output models unbalanced load: ±5%.
**Test ripple and noise by “parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
TYPICAL CHARECTERISTICS
Operating Temp.( )
C
Temperature Derating Graph
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
25.40 [1.000]
20.32 [0.800]
5.08 [0.200]
1
3
2
4
5
No Pin
Vin
GND
-Vo
+Vo
0V
Vin
GND
0V
+Vo
∅1.30 [0.051]
3
4
5
2
1
∅0.80[0.031]
3
4
5
2
1
L=530mm[20.866inch] Tube Quantity: 19pcs
L=220mm[8.661inch]
Tube Quantity: 7pcs
Pin
FOOTPRINT DETAILS
Note:
Unit:mm[inch]
Pin diameter tolerances:±0.10mm[±0.004inch]
General tolerances:±0.25mm[±0.010inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances: ±0.50mm[±0.020inch]
(Front View)
Single
Dual
DUAL
3
5
2
1
SINGLE
Note grid 2.54*2.54mm
:
.
Short tube inner package dimensions: L*W*H= 255*170*80mm
Short tube outer package dimensions(with six inner package boxes):
L*W*H= 375*280*270mm
Long tube inner package dimensions: L*W*H= 580*200*100mm
Long tube outer package dimensions(with two inner package boxes):
L*W*H= 600*215*220mm
Long tube outer package dimensions(with three inner package boxes):
L*W*H= 600*215*325mm
(Bottom View)
30.30 [1.193]
12.30 [0.484]
Note:
1. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test methods of indications are based on corporate standards.
3.
Only typical models listed, other models may be different, please contact our technical person for more details.


Similar Part No. - VFB2405YMD-5W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VFB2405MP-6W MORNSUN-VFB2405MP-6W Datasheet
116Kb / 2P
   DIP PACKAGE DC-DC CONVERTER
More results

Similar Description - VFB2405YMD-5W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com