Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URC480315D-30WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URC480315D-30WR2
Description  REGULATED THREE OUTPUT DIP DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URC480315D-30WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URC480315D-30WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URC480315D-30WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URC480315D-30WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URC480315D-30WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URC480315D-30WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URC480315D-30WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URC_D-30WR2
2013.03.11-A/0
Page 3 of 6
EMC SPECIFICATIONS
CE
CISPR22/EN55022 CLASS A(Without External Circuit)/
CLASS B(External Circuit Refer to
Figure1-②)
EMI
RE
CISPR22/EN55022 CLASS A(Without External Circuit)/
CLASS B(External Circuit Refer to
Figure1-②)
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B(External Circuit Refer to Figure1-①)
Surge
IEC/EN61000-4-5
±2KV
perf. Criteria B(External Circuit Refer to Figure1-①)
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips, short and
interruptions immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B
EMC RECOMMENDED CIRCUIT
V in
G ND
+ Vo2
-Vo2
EUT
L O AD
C2
L CM
C0
TVS
LDM
MOV
FU SE
C1
C4
V in
G ND
C3
L O AD
0V
+ Vo1
LO AD
(Figure 1)
Recommended external circuit parameters:
Model
URC24_D-30WR2
URC48_D-30WR2
FUSE
Choose according to actual input current
MOV
10D560K
10D101K
LDM
56
μH
TVS
SMCJ48A
SMCJ90A
C0
120
μF/50V
120
μF/100V
C1
4.7
μF /50V
2.2
μF /100V
LCM
2.2mH(FL2D-30-222)
C2
4.7
μF /50V
2.2
μF /100V
C3
1nF /2KV
2nF /2KV
C4
1nF /2KV
2nF /2KV
Note: 1. In Figure 1,part①is EMS Recommended external circuit, part②is EMI recommended external circuit. Choose according to requirements.
2. FL2D-30-222 is the EMC auxiliary component of our company.
EMC RECOMMENDED CIRCUIT PCB LAYOUT
(Figure 2)
EMC TEST WAVEFORM(CLASS B TEST CIRCUIT)
URC240515D-30WR2
CE (Positive line)
URC240515D-30WR2
CE (Negative line)


Similar Part No. - URC480315D-30WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URC480315D-30W MORNSUN-URC480315D-30W Datasheet
632Kb / 5P
    REGULATED THREE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - URC480315D-30WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URC240312D-30W MORNSUN-URC240312D-30W Datasheet
632Kb / 5P
    REGULATED THREE OUTPUT DIP DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
logo
Minmax Technology Co., ...
MDWI08 MINMAX-MDWI08 Datasheet
430Kb / 4P
   DC/DC CONVERTER 8W, Regulated Output, DIP Package
logo
MORNSUN Science& Techno...
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com