Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URF4805LP-20W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URF4805LP-20W
Description  REGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF4805LP-20W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URF4805LP-20W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF4805LP-20W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF4805LP-20W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF4805LP-20W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF4805LP-20W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF4805LP-20W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URF_LP-20W
2013.05.24-A/1
Page 1of 6
URF_LP-20W SERIES
20W,WIDE INPUT, HIGH ISOLATED & REGULATED
SINGLE OUTPUT DC-DC CONVERTER
Patent Protected
RoHS
PART NUMBER SYSTEM
URF 2405LP -20W
R at e d Po w er
Pa c ka g e Sty le
O u tp u t Vo lta ge
In p u t Vo lta ge
Pr o d u c t Se r ies
FEATURES
● Efficiency up to 89%
● 4:1 wide input voltage range
● Low temperature rise
● Short circuit protection
● 3KVAC isolation
● Operating temperature range:
-40
°C ~ +85°C
● Industry standard pinout
● Industrial level specifications
● Meet CISPR22/EN55022 CLASS A
APPLICATION
URF_LP-20W series are applied to wide voltage
range input situation such as power systems, data
transmission device, battery power supply device,
telecommunication device, distributed power supply
system, remote control system, industrial robot system
etc.
SELECTION GUIDE
Input Voltage(VDC)
Output Current (mA)
Input Current
(mA)(typ.)
Model
Nominal
(Range)
Max
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No Load
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load (
µF)
Efficiency
(%, typ.)
@Max. Load
URF2405LP-20W
5
4000
200
947
60
10000
88
URF2412LP-20W
12
1667
84
947
15
1600
88
URF2415LP-20W
15
1334
67
937
15
1000
89
URF2424LP-20W
24
(9-36)
40
24
834
42
937
20
500
89
URF4805LP-20W
5
4000
200
473
35
10000
88
URF4812LP-20W
12
1667
84
473
10
1600
88
URF4815LP-20W
15
1334
67
469
10
1000
89
URF4824LP-20W
48
(18-75)
80
24
834
42
469
10
30
500
89
Note: ①series with suffix
“A2S” are chassis mounting,with suffix “A4S” are DIN-Rail mounting,
for example URF2405LP-20WA2S is chassis mounting ,URF2405LP-20WA4S is DIN-Rail mounting ;
②Absolute maximum rating without damage on the converter;
③The efficiency of "A2S" and "A4S" is approx. 2% lower for the protection of inverse polarity.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
24VDC input
-0.7
--
50
Input Surge Voltage (1sec.max.)
48VDC input
-0.7
--
100
24VDC input
--
--
9
Start-up Voltage
48VDC input
--
--
17.8
24VDC input
7.8
--
--
Under Voltage Shutdown
48VDC input
16
--
--
VDC
Start-up Time
Nominal input& constant resistance load
--
10
--
ms
Models ON
Ctrl open or connect TTL high level (2.5-12VDC)
Models OFF
Ctrl connect GND or low level (0-1.2VDC)
Ctrl*
Input current (Models OFF)
--
1
--
mA
Input Filter
Pi Filter
Note: *The Ctrl control pin voltage is refer to GND.


Similar Part No. - URF4805LP-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF4805LP-20WR3 MORNSUN-URF4805LP-20WR3 Datasheet
329Kb / 6P
   DC/DC Converter
URF4805LP-20WR3 MORNSUN-URF4805LP-20WR3 Datasheet
1Mb / 6P
   DC/DC Converter
More results

Similar Description - URF4805LP-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D03LD-15W MORNSUN-URB1D03LD-15W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
SCW08 MEANWELL-SCW08 Datasheet
372Kb / 1P
   8W DC-DC Regulated Single Output Converter
SRS MEANWELL-SRS_10 Datasheet
161Kb / 1P
   0.5W DC-DC Regulated Single Output Converter
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKA40 MEANWELL-SKA40 Datasheet
214Kb / 1P
   40W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
   3W DC-DC Regulated Single Output Converter
SCW05-SPEC MEANWELL-SCW05-SPEC Datasheet
160Kb / 1P
   5W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
   3W DC-DC Regulated Single Output Converter
SKM30 MEANWELL-SKM30_12 Datasheet
197Kb / 1P
   30W DC-DC Regulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com