Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRA1212LD-15WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # VRA1212LD-15WR2
Description  DUAL/SINGLE OUTPUT DIP PACKAGING,
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRA1212LD-15WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  VRA1212LD-15WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRA1212LD-15WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRA1212LD-15WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRA1212LD-15WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRA1212LD-15WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRA1212LD-15WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. VRA1212LD-15WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. VRA1212LD-15WR2 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. VRA1212LD-15WR2 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRA_LD-15WR2 & VRB_LD-15WR2
2013.11.29-A/4
Page 1of9
FEATURES
● Efficiency up to 90%
● 2:1 wide input voltage range
● Output over current, over voltage and Input under
voltage protection, Short circuit protection
● 1.5KVDC isolation
● Operating temperature range:
-40
°C ~ +85°C
● Six-sided metal shield
● Industry standard pinout
● Meet CISPR22/EN55022 CLASSA
● Meet EN60950
● A2S(chassis mounting)andA4S(DIN-Rail
mounting)have the function of input reverse
connection preventing
APPLICATION
VRA_LD-15WR2 & VRB_LD-15WR2 series are applied to wide
voltage range input situation such as data transmission device,
battery power supply device, telecommunication device, distributed
power supply system, remote control system, industrial robot
system etc.
VRA_LD-15WR2 &
VRB_LD-15WR2 SERIES
15W,WIDE INPUT, ISOLATED& REGULATED
DUAL/SINGLE OUTPUT DIP PACKAGING,
DC-DC CONVERTER
Patent Protectied
RoHS
PART NUMBER SYSTEM
VRA1205LD-15WR2
Rat ed Po wer
Pack ag e Style
Ou tp ut Vol tage
In pu t Volt age
Pro du ct Ser ies
SELECTION GUIDE
Approval
Model
Input
Voltage(VDC)
Output
Voltage
(VDC)
Output Current (mA)
Input Current
(mA)(typ.)
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load(
µF)
Efficiency
(%, typ.)
@Max
Load
Nominal
(Range)
Max.
Max.
Min.
@Max.
Load
@No
Load
CE
VRA1205LD-15WR2
12
(9-18)
20
±5
±1500
±75
1453
30
30
1020
86
VRA1212LD-15WR2
±12
±625
±32
1420
25
495
88
VRA1215LD-15WR2
±15
±500
±25
1420
25
165
88
VRA1224LD-15WR2
±24
±313
±16
1420
20
200
88
VRB1203LD-15WR2
3.3
4000
200
1465
65
10500
87
VRB1205LD-15WR2
5
3000
150
1405
60
4020
89
VRB1212LD-15WR2
12
1250
63
1405
25
1035
89
VRB1215LD-15WR2
15
1000
50
1405
25
705
89
VRB1224LD-15WR2
24
625
32
1389
30
250
90
VRA2405LD-15WR2
24
(18-36)
40
±5
±1500
±75
727
25
1020
86
VRA2412LD-15WR2
±12
±625
±32
710
20
495
88
VRA2415LD-15WR2
±15
±500
±25
710
20
165
88
VRA2424LD-15WR2
±24
±313
±16
710
20
200
88
VRB2403LD-15WR2
3.3
4000
200
625
35
10500
88
VRB2405LD-15WR2
5
3000
150
695
35
4020
90
VRB2412LD-15WR2
12
1250
63
703
20
1035
89
VRB2415LD-15WR2
15
1000
50
695
20
705
90
VRB2424LD-15WR2
24
625
32
695
25
250
90


Similar Part No. - VRA1212LD-15WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRA1212LD-15W MORNSUN-VRA1212LD-15W Datasheet
146Kb / 3P
   SINGLE/DUAL OUTPUT DC-DC CONVERTER
More results

Similar Description - VRA1212LD-15WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405LD-15WR2 MORNSUN-URA2405LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
VRB2403LD-50W MORNSUN-VRB2403LD-50W Datasheet
1Mb / 7P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DCCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com