Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS10BR150 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS10BR150
Description  1.0 Gbps LVDS Buffer / Repeater
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10BR150 Datasheet(HTML) 4 Page - Texas Instruments

  DS10BR150_14 Datasheet HTML 1Page - Texas Instruments DS10BR150_14 Datasheet HTML 2Page - Texas Instruments DS10BR150_14 Datasheet HTML 3Page - Texas Instruments DS10BR150_14 Datasheet HTML 4Page - Texas Instruments DS10BR150_14 Datasheet HTML 5Page - Texas Instruments DS10BR150_14 Datasheet HTML 6Page - Texas Instruments DS10BR150_14 Datasheet HTML 7Page - Texas Instruments DS10BR150_14 Datasheet HTML 8Page - Texas Instruments DS10BR150_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS10BR150
SNLS252C – APRIL 2007 – REVISED MAY 2011
www.ti.com
DC Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOS
Output Short Circuit Current (4)
OUT to GND
-30
-50
mA
OUT to VCC
7.5
50
mA
COUT
Output Capacitance
Any LVDS Output Pin to GND
1.2
pF
ROUT
Output Termination Resistor
Between OUT+ and OUT- Pins
100
LVDS INPUT DC SPECIFICATIONS (IN+, IN-)
VID
Input Differential Voltage
0
1
V
VTH
Differential Input High Threshold
VCM = +0.05V or VCC-0.05V
0
+100
mV
VTL
Differential Input Low Threshold
−100
0
mV
VCMR
Common Mode Voltage Range
VID = 100 mV
0.05
VCC -
V
0.05
VIN = 3.6V or 0V
±1
±10
μA
IIN
Input Current
VCC = 3.6V or 0V
CIN
Input Capacitance
1.7
pF
RIN
Input Termination Resistor
Between IN+ and IN- Pins
100
SUPPLY CURRENT
ICCD
Total Supply Current
16
21
mA
(4)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
AC Electrical Characteristics
(1)
Over recommended operating supply and temperature ranges unless otherwise specified.
(2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS OUTPUT AC SPECIFICATIONS (OUT+, OUT-)
tPHLD2
Differential Propagation Delay High to Low
380
600
ps
RL = 100Ω
tPLHD2
Differential Propagation Delay Low to High
410
600
ps
tSKD1
Pulse Skew |tPLHD − tPHLD|
(4)
30
150
ps
tSKD2
Part to Part Skew (5)
45
160
ps
tLHT
Rise Time
165
400
ps
RL = 100Ω
tHLT
Fall Time
155
400
ps
JITTER PERFORMANCE Figure 5
tDJ
Deterministic Jitter (Peak-to-Peak Value ) (See
VID = 350 mV
622 Mbps
12
39
ps
(6))
VCM = 1.2V
1.06 Gbps
15
42
ps
K28.5 (NRZ)
tRJ
Random Jitter (RMS Value) (7)
VID = 350 mV
311 MHz
0.6
1.3
ps
VCM = 1.2V
503 MHz
0.6
1.1
ps
Clock (NRZ)
tTJ
Total Jitter (Peak to Peak Value) (8)
VID = 350 mV
622 Mbps
0.02
0.04
UIP-P
VCM = 1.2V
1.06 Gbps
0.02
0.05
UIP-P
PRBS-23 (NRZ)
(1)
Specification is guaranteed by characterization and is not tested in production.
(2)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(3)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not guaranteed.
(4)
tSKD1, |tPLHD − tPHLD|, is the magnitude difference in differential propagation delay time between the positive going edge and the negative
going edge of the same channel.
(5)
tSKD2, Part to Part Skew, is defined as the difference between the minimum and maximum specified differential propagation delays. This
specification applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
(6)
Tested with a combination of the 1100000101 (K28.5+ character) and 0011111010 (K28.5- character) patterns. Input stimulus jitter is
subtracted algebraically.
(7)
Measured on a clock edge with a histogram and an acummulation of 1500 histogram hits. Input stimulus jitter is subtracted
geometrically.
(8)
Measured on an eye diagram with a histogram and an acummulation of 3500 histogram hits. Input stimulus jitter is subtracted.
4
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: DS10BR150


Similar Part No. - DS10BR150_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS10BR150 TI1-DS10BR150_13 Datasheet
793Kb / 15P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
More results

Similar Description - DS10BR150_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10BR150_0711 NSC-DS10BR150_0711 Datasheet
394Kb / 12P
   1.0 Gbps LVDS Buffer/Repeater
logo
Texas Instruments
DS10BR150 TI1-DS10BR150_13 Datasheet
793Kb / 15P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
DS25BR150 TI1-DS25BR150_15 Datasheet
795Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Texas Instruments
DS90LV804 TI1-DS90LV804_16 Datasheet
834Kb / 15P
[Old version datasheet]   4-Channel 800 Mbps LVDS Buffer/Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com