Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRB2412D-5W Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # VRB2412D-5W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB2412D-5W Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  VRB2412D-5W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB2412D-5W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRB2412D-5W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRB2412D-5W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRB2412D-5W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRA_D-5W&VRB_D-5W
C/1-2012 Page 4 of 5
PRODUCT TYPICAL CURVE
Temperature Derating Curve
Ambient Temp.( )
Safe Operating Area
Efficiency VS Input Voltage curve
(Full Load)
50
54
58
62
66
70
74
78
82
86
90
18 20 22 24 26 28 30 32 34 36
Input Voltage(V)
VRA2405D-5W
VRB2405D-5W
Efficiency VS Input Voltage curve
(Full Load)
50
54
58
62
66
70
74
78
82
86
90
36
40
44
48
52
56
60
64
70
75
Input Voltage(V)
VRB4805D-5W
Efficiency VS Output Load
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10 20
30 40 50
60 70 80
90 100
Output Current Percent(% )
VRA2405D-5W
VRB2405D-5W
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10 20 30 40 50 60 70 80 90 100
Output Current Percent(% )
VRB4805D-5W
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
27.50 [1.083]
20.32 [0.800]
5.08 [0.200]
0.50 [0.020]
1
3
2
4
5
No Pin
Vin
GND
-Vo
+Vo
0V
Vin
GND
0V
+Vo
3
4
5
2
1
∅0.80[0.031]
L=530mm[20.866inch] Tube Quantity: 19pcs
L=220mm[8.661inch]
Tube Quantity: 7pcs
Pin
FOOTPRINT DETAILS
Note:
Unit:mm[inch]
Pin diameter tolerances:± 0.10mm[± 0.004inch]
General tolerances:± 0.50mm[± 0.020inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances: ± 0.50mm[± 0.020inch]
(Front View)
(Bottom View)
Single
Dual
DUAL
SINGLE
Short tube inner package dimensions: L*W*H= 255*170*80mm
Short tube outer package dimensions(with six inner package boxes):
L*W*H= 375*280*270mm
Long tube inner package dimensions:
L*W*H= 580*200*100mm
Long tube outer package dimensions(with two inner package boxes):
L*W*H= 600*215*220mm
Long tube outer package dimensions(with three inner package boxes):
L*W*H= 600*215*325mm
Note grid 2.54*2.54mm
:
.
∅1.30 [0.051]
30.30 [1.193]
12.30 [0.484]
3
5
2
1
3
5
2
1
4


Similar Part No. - VRB2412D-5W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB2412D-10W MORNSUN-VRB2412D-10W Datasheet
522Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
VRB2412D-20W MORNSUN-VRB2412D-20W Datasheet
172Kb / 2P
   SINGLE&DUAL OUTPUT DC-DC CONVERTER
VRB2412D-30W MORNSUN-VRB2412D-30W Datasheet
106Kb / 2P
   DIP PACKAGE,SINGLE OUTPUT DC-DC CONVERTER
VRB2412D-40W MORNSUN-VRB2412D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - VRB2412D-5W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com