Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRA2424(X)D-10WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # VRA2424(X)D-10WR2
Description  negative dual/single output DC-DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRA2424(X)D-10WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  VRA2424(X)D-10WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRA2424(X)D-10WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRA2424(X)D-10WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRA2424(X)D-10WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRA2424(X)D-10WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRA2424(X)D-10WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
VRA_(X)D-10WR2 & VRB_(X)D-10WR2 Series
2014.03.27-B/0
Page 3 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Insulation Voltage
Input-output, with the test time of 1 minute and the
leak current lower than 1mA
1500
--
--
VDC
Insulation Resistance
Input-output, insulation voltage 500VDC
1000
--
--
MΩ
Isolation Capacitance
Input-output, 100KHz/0.1V
--
1000
--
pF
Operating Temperature
Derating if the temperature is ≥71°C(see Fig. 1)*
-40
--
85
%
Storage Humidity
Non-condensing
5
--
95
°
C
Storage Temperature
-55
--
125
Max. Operating Temperature
for Casing
Within the operating temperature curve
--
--
105
Pin Welding Resistance
Temperature
Welding spot is 1.5mm away from the casing, 10
seconds
--
--
300
Vibration
10-55Hz, 10G, 30 Min. along X, Y and Z
Switching Frequency
PWM mode
--
350
--
KHz
MTBF
MIL-HDBK-217F@25°C1000
--
--
K hours
Note: * VRB1205 (X) D-10WR2 temperature derating to 65 ℃ with full load , 85 ℃corresponding load is constant.
Physical Specifications
Casing Material
Aluminum alloy
Package Dimensions
Horizontal package
50.8*25.4*11.8 mm
A2S wiring package
76.0*31.5*21.2 mm
A4S rail package
76.0*31.5*25.8 mm
Weight
Horizontal package/A2S wiring package/A4S rail package
22g/44g/64g(Typ.)
Cooling method
Free air convection
EMC Specifications
EMI
Conducted disturbance
CISPR22/EN55022 CLASS A (Bare component)/ CLASS B (see Fig.3-② for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS A (Bare component)/ CLASS B (see Fig.3-② for recommended circuit)
EMS
Electrostatic discharge
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
Radiation immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (see Fig.3-① for recommended circuit)
perf. Criteria B
Surge immunity
IEC/EN61000-4-5
±2KV (see Fig.3-①for recommended circuit)
perf. Criteria B
Conducted
disturbance immunity
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-29 0-70%
perf. Criteria B
Product Characteristic Curve
Operating Temperat ure( )
Temperature Derating Curve
Safe Operating Area
-40
040
71 85
120
80
60
100
120
40
20
0
Fig. 1


Similar Part No. - VRA2424(X)D-10WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRA2424D-10W MORNSUN-VRA2424D-10W Datasheet
522Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
VRA2424D-20W MORNSUN-VRA2424D-20W Datasheet
172Kb / 2P
   SINGLE&DUAL OUTPUT DC-DC CONVERTER
VRA2424D-5W MORNSUN-VRA2424D-5W Datasheet
255Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
VRA2424LD-15WR2 MORNSUN-VRA2424LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING,
VRA2424LD-20W MORNSUN-VRA2424LD-20W Datasheet
531Kb / 4P
   REGULATED DUAL OUTPUT DC-DC CONVERTER
More results

Similar Description - VRA2424(X)D-10WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com