Selected language     English  ▼


I-7067D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. I-7067D
Description  Product Reference Support
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
View Cart Downloads Tracking Home
Part # :
Sales Support: 1-888-971-9888
Hablamos Español
Tue. Oct 30, 2007
Applications
FAQs
Company
Catalog
Product News
Contact Us
Programmable Automation
Controllers
Embedded / PLC Controllers
Data Acquisition
Industrial Data Communications
Industrial Touch LCD Monitors
Industrial Wireless Products
Power Supplies
Industrial Enclosures
Signal Conditioners
Quick Start Kits
Control & HMI Software
Product Support & Documentation
I-7067D
Product Reference & Support :
q
User's Manual
q
Hardware
q
Software
q
FREE EZ Data Logger Software
q
FAQs
q
Certifications
7 Channel Relay Output Module with LED Display
I-7067D (with display)
Features
I-7067D is intelligently designed to provide signal conditioning system monitoring and safe value settings. I-
7067D is a cost-effective solution for a wide range of valuable industrial control signals and systems. The DCON
utility can help users to configure and test I-7067D Relay Output module. Plenty of library functions and demo
programs are provided to let users develop programs easily under Windows, Linux and DOS operating systems.
The communication interface is modbus protocol via RS-485. Users may mount the modules on a DIN rail,
panel or wall. Modules have a screw-terminal block to connect to the signals.
Specifications & Additional Information
Relay output
q
Channels: 7
Form “A” relay SPST N.O.
q
Dry Contacts
q
AC 120V@0.5A
q
DC 24V@1A
q
Surge strength: 1500Vac
q
Relay on time(typical): 5 ms




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl