Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRA2424LD-20W Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # VRA2424LD-20W
Description  REGULATED DUAL OUTPUT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRA2424LD-20W Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  VRA2424LD-20W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRA2424LD-20W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRA2424LD-20W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRA2424LD-20W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
VRA_LD-20W
2013.06.13-A/3
Page 4 of 4
OUTLINE DIMENSIONS & PIN CONNECTIONS
HEATSINK ASSEMBLY&PACKAGE DIAGRAM (WITH HEATSINK)
NOTES
1. Input voltage can
’t exceed this value, or will cause the permanent damage.
2. Minimum operating current for 10% of rated current, if less than 10% rated current, output ripple may increase rapidly, the amplitude
≤ 1V.
3. Capacitor MAX load tested at nominal input voltage and constant resistive load.
4. The CTRL control pin voltage is referenced to GND.
5. Only typical model listed. Non-standard models will be different from the above, please contact us for more details.
6. All specifications are measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
7. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - VRA2424LD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRA2424LD-20WR2 MORNSUN-VRA2424LD-20WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
VRA2424LD-20WR3 MORNSUN-VRA2424LD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results

Similar Description - VRA2424LD-20W

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DCW08 MEANWELL-DCW08 Datasheet
220Kb / 1P
   8W DC-DC Regulated Dual Output Converter
DCW12 MEANWELL-DCW12 Datasheet
161Kb / 1P
   12W DC-DC Regulated Dual Output Converter
DCW12 MEANWELL-DCW12_11 Datasheet
174Kb / 1P
   12W DC-DC Regulated Dual Output Converter
DCW08 MEANWELL-DCW08_11 Datasheet
222Kb / 1P
   8W DC-DC Regulated Dual Output Converter
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
DCW03 MEANWELL-DCW03 Datasheet
210Kb / 1P
   3W DC-DC Regulated Dual Output Converter
DKE15 MEANWELL-DKE15 Datasheet
166Kb / 1P
   15W DC-DC Regulated Dual Output Converter
DLW05 MEANWELL-DLW05 Datasheet
187Kb / 1P
   5W DC-DC Regulated Dual Output Converter
DCW05 MEANWELL-DCW05 Datasheet
191Kb / 1P
   5W DC-DC Regulated Dual Output Converter
logo
MORNSUN Science& Techno...
URA2405LD-20WR2 MORNSUN-URA2405LD-20WR2 Datasheet
1Mb / 10P
   REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com