Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC149-064-001-B5 Datasheet(PDF) 5 Page - Yamaichi Electronics Co., Ltd.

Part # IC149-064-001-B5
Description  QFP/TQFP - 64 Pins (10x10) 0.5mm pitch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC149-064-001-B5 Datasheet(HTML) 5 Page - Yamaichi Electronics Co., Ltd.

  IC149-064-001-B5 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC149-064-001-B5 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC149-064-001-B5 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. IC149-064-001-B5 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. IC149-064-001-B5 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. IC149-064-001-B5 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. IC149-064-001-B5 Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
CLICK HERE TO GO BACK TO PART NUMBER OVERVIEW
Specifications
Insulation Resistance:
500M
Ω at 150V DC
Withstanding Voltage:
700V AC for 1 minute
Contact Resistance:
30m
Ω max. at 10mA and 20mV
Operating Temp. Range:
-25°C to +85°C
Reflow-soldering Temp.:
220°C for 60 seconds
Mating Cycles:
20 insertions maximum
Allowable Torque (max.): - for 1-time screw connection
= max 0.147 Nm
- for repetitive screw connection = min 0.078 Nm
max 0.098 Nm
Materials and Finish
Housing: PTES, glass filled UL94V-0
Contact: Phosphor Bronze
Plating:
Au 0.3µm min. over 2.5 ~ 4.5µm Ni
ICP-064-2
Adapter Part Number
Outline Adapter Dimensions (Reference Only)
IC149 / ICP Series
Compatible Socket (Part No.)
28.00
6.20
2.4
25.53
1. Ensure a clean contact area. Fluxes, dust and other impurifications
may cause corrosion and contact problems.
2. Careful attention must be taken when fixing the Adapter,
since it is made from thermoplastic material.
By exceeding the maximum torque a perfect performance can
no longer be guaranteed.
Remarks
Note: No conduits within this hatched area.
Emulation-Adapter (64 pins)
IC149-64-008-B5 (w/o pos. pins)
IC149-64-108-B5 (with pos. pins)
15.00
Adapter PCB-Layout (IC149-64-*08-B5)
Top View from Soldering Side


Similar Part No. - IC149-064-001-B5

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
IC149-064-175-B5 ACTEL-IC149-064-175-B5 Datasheet
399Kb / 3P
   SY-TQG64, yamaichi lead free prototype socket drawing for TQG64 and TQG64 packages
More results

Similar Description - IC149-064-001-B5

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC149-080-31 YAMAICHI-IC149-080-31 Datasheet
217Kb / 12P
   QFP/TQFP - 80 Pins (20x20) 0.5mm pitch
logo
Aries Electronics, Inc.
64-304121-00 ARIES-64-304121-00 Datasheet
466Kb / 1P
   64-Pin 0.5mm TQFP-to-0.8mm QFP Adapter
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV Datasheet
108Kb / 12P
   144-pin TQFP (117 user I/O pins)
logo
Ironwood Electronics.
CA-QFE64SA-L-Z-01 IRONWOOD-CA-QFE64SA-L-Z-01 Datasheet
30Kb / 1P
   Carrier Adaptor 64 position (0.8mm pitch) QFP ZIF socket to 64 position surface mountable QFP emulator foot.
logo
Aries Electronics, Inc.
48-6645-18 ARIES-48-6645-18 Datasheet
527Kb / 1P
   48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
logo
Renesas Technology Corp
M3T-FLX-144NSE RENESAS-M3T-FLX-144NSE Datasheet
290Kb / 1P
   Converter for Connecting 160-core Flexible Board FLX160 to 144-pin 0.5mm-pitch TQFP
M3T-80LCC-QSD RENESAS-M3T-80LCC-QSD Datasheet
150Kb / 1P
   Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.5mm-pitch QFP
M3T-DUMMY64 RENESAS-M3T-DUMMY64 Datasheet
125Kb / 1P
   Dummy IC for 64-pin 0.8mm-pitch QFP (64P6N-A)
M3T-64LCC-QSD RENESAS-M3T-64LCC-QSD Datasheet
119Kb / 1P
   Converter for Connecting 64-pin 0.8mm-pitch LCC to 64-pin 0.5mm-pitch LQFP
logo
Ironwood Electronics.
CA-QFE64SA-L-Z-T-01 IRONWOOD-CA-QFE64SA-L-Z-T-01 Datasheet
42Kb / 1P
   Carrier Adaptor 64 position (0.8 mm pitch) QFP Zero Insertion Force socket with test points to 64 position surface mountable QFP emulator foot.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com