Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRB4805LD-30WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # VRB4805LD-30WR2
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB4805LD-30WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  VRB4805LD-30WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. VRB4805LD-30WR2 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
VRB_LD-30WR2
2013.12.11-A/3
Page2 of8
Under Voltage Shutdown
24VDC Input Models
16
--
--
VDC
48VDC Input Models
32
--
--
Start-up Time
Nominal input & constant resistance load
--
10
--
ms
Ctrl*
Models ON
Ctrl open or connect TTL high level (2.5-12VDC)
Models OFF
Ctrl connect GND or low level (0-1.2VDC)
Input current at shutdown
--
1
--
mA
Input Filter
Pi Filter
*The Ctrl control pin voltage is refer to GND.
OUTPUT SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±3
%
Line Voltage Regulation
Input voltage from low to high at 100% load
--
±0.2
±0.5
Load Regulation
From 10% to 100% load Nominal input
--
±0.5
±1
Transient Recovery Time
25% load step change
--
300
500
µs
Transient Response Deviation
--
±3
±5
%
Temperature Drift
100% load
--
±0.02
--
%/
°C
Ripple & Noise*
20MHz bandwidth
--
50
120
mVp-p
Output Voltage Range (Trim)
--
±10%Vo
--
VDC
Over Voltage Protection
Full input voltage
3.3VDC output
--
3.96
--
5VDC output
--
6
--
9VDC output
--
10.8
--
12VDC output
--
15
--
15VDC output
--
18
--
24VDC output
--
28
--
Over Current Protection
Full input voltage
120
130
150
%
Short Circuit Protection
Hiccup, automatic recovery
Note: *Ripple and noise tested by
“parallel cable” method. See detailed operation instructions at DC-DC Application Notes .
COMMON SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input -Output ,tested for 1 minute, leakage current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Input -Output, test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input -Output,100KHz/0.1V
--
2000
--
pF
Switching Frequency
PWM mode
--
300
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Safety approvals
VRB2412LD-30WR2
UL60950, EN60950
Others
EN60950
Case Material
Aluminum Alloy
Size
PCB mounting(Without heat sink)
50.8x25.4x11.8
mm
PCB mounting(With heat sink)
50.8x25.4x16.3
A2S chassis mounting(Without heat sink)
76.0x31.5x21.2
A4S DIN-Rail mounting(Without heat sink)
76.0x31.5x25.8
A2S chassis mounting(With heat sink)
76.0x31.5x25.1
A4S DIN-Rail mounting(With heat sink)
76.0x31.5x29.7
Weight
PCB mounting(Without heat sink)
--
22
--
g
PCB mounting(With heat sink)
--
35
--
A2S chassis mounting(Without heat sink)
--
44
--
A4S DIN-Rail mounting(Without heat sink)
--
64
--
A2S chassis mounting(With heat sink)
--
57
--
A4S DIN-Rail mounting(With heat sink)
--
77
--
ENVIRONMENTAL SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
5
--
95
%
Operating Temperature
See Temperature Derating Curve(see Figure3)
-40
--
85
°C
Storage Temperature
-55
--
125


Similar Part No. - VRB4805LD-30WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB4805LD-30WR3 MORNSUN-VRB4805LD-30WR3 Datasheet
2Mb / 8P
   30W, Wide input, isolated & regulated single output DC/DC converter
More results

Similar Description - VRB4805LD-30WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com