Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESJA52-12A Datasheet(PDF) 6 Page - Fuji Electric

Part # ESJA52-12A
Description  High Voltage Silicon Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESJA52-12A Datasheet(HTML) 6 Page - Fuji Electric

  ESJA52-12A Datasheet HTML 1Page - Fuji Electric ESJA52-12A Datasheet HTML 2Page - Fuji Electric ESJA52-12A Datasheet HTML 3Page - Fuji Electric ESJA52-12A Datasheet HTML 4Page - Fuji Electric ESJA52-12A Datasheet HTML 5Page - Fuji Electric ESJA52-12A Datasheet HTML 6Page - Fuji Electric ESJA52-12A Datasheet HTML 7Page - Fuji Electric ESJA52-12A Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - ESJA52-12A

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJA52-12A GETEDZ-ESJA52-12A Datasheet
75Kb / 1P
   12kV 5mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
ESJA52-12A SUNMATE-ESJA52-12A Datasheet
108Kb / 2P
   5mA Axial Leaded High Voltage Silicon Diode
logo
GETAI ELECTRONICS DEVIC...
ESJA52-12A GETEDZ-ESJA52-12A_17 Datasheet
649Kb / 2P
   5.0mA 12kV 80nS--HIGH VOLTAGE RECTIFIER DIODES
More results

Similar Description - ESJA52-12A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESJA89-12A FUJI-ESJA89-12A Datasheet
134Kb / 8P
   High Voltage Silicon Diode
logo
SiPower Inc.
SPAL00315 SIPOWER-SPAL00315 Datasheet
457Kb / 2P
   High Voltage Silicon Diode
SPAL03585 SIPOWER-SPAL03585 Datasheet
893Kb / 2P
   High Voltage Silicon Diode
SPAL00350 SIPOWER-SPAL00350 Datasheet
456Kb / 2P
   High Voltage Silicon Diode
logo
Fuji Electric
ESJA52-10A FUJI-ESJA52-10A Datasheet
141Kb / 8P
   High Voltage Silicon Diode
ESJA58-06A FUJI-ESJA58-06A Datasheet
135Kb / 8P
   High Voltage Silicon Diode
ESJA82-10A FUJI-ESJA82-10A Datasheet
137Kb / 8P
   High Voltage Silicon Diode
ESJA82-12A FUJI-ESJA82-12A Datasheet
133Kb / 8P
   High Voltage Silicon Diode
ESJA89-14A FUJI-ESJA89-14A Datasheet
137Kb / 8P
   High Voltage Silicon Diode
ESJC01 FUJI-ESJC01 Datasheet
721Kb / 2P
   HIGH VOLTAGE SILICON DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com