Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS25MB200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS25MB200
Description  Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25MB200 Datasheet(HTML) 1 Page - Texas Instruments

  DS25MB200 Datasheet HTML 1Page - Texas Instruments DS25MB200 Datasheet HTML 2Page - Texas Instruments DS25MB200 Datasheet HTML 3Page - Texas Instruments DS25MB200 Datasheet HTML 4Page - Texas Instruments DS25MB200 Datasheet HTML 5Page - Texas Instruments DS25MB200 Datasheet HTML 6Page - Texas Instruments DS25MB200 Datasheet HTML 7Page - Texas Instruments DS25MB200 Datasheet HTML 8Page - Texas Instruments DS25MB200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS25MB200
www.ti.com
SNLS220F – MARCH 2006 – REVISED FEBRUARY 2009
DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and
Receive Equalization
Check for Samples: DS25MB200
1
FEATURES
On-chip terminations
HBM ESD rating 6 kV on all pins
2
0.6–2.5 Gbps low jitter operation
+3.3V supply
Fixed input equalization
Lead-less LLP-48 package (7mm x 7mm x
Programmable output pre-emphasis
0.8mm, 0.5mm pitch)
Independent switch and line side pre-
—40°C to +85°C operating temperature range
emphasis controls
Programmable switch-side loopback modes
DESCRIPTION
The DS25MB200 is a dual signal conditioning 2:1 multiplexer and 1:2 fan-out buffer designed for use in
backplane redundancy applications. Signal conditioning features include input equalization and programmable
output pre-emphasis that enable data communication in FR4 backplanes up to 2.5 Gbps. Each input stage has a
fixed equalizer to reduce ISI distortion from board traces. All output drivers have 4 selectable steps of pre-
emphasis to compensate for transmission losses from long FR4 backplanes and reduce deterministic jitter. The
pre-emphasis levels can be independently controlled for the line-side and switch-side drivers. The internal
loopback paths from switch-side input to switch-side output enable at-speed system testing. All receiver inputs
are internally terminated with 100
Ω differential terminating resistors. All drivers are internally terminated with 50Ω
to VCC.
Applications
Backplane or cable driver
Redundancy and signal conditioning applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS25MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200 Datasheet
660Kb / 13P
   Dual 2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
DS25MB200 NSC-DS25MB200 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200 Datasheet
794Kb / 17P
[Old version datasheet]   DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200TSQ NSC-DS25MB200TSQ Datasheet
660Kb / 13P
   Dual 2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
More results

Similar Description - DS25MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_15 Datasheet
794Kb / 17P
[Old version datasheet]   DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100 TI1-DS25MB100_16 Datasheet
1Mb / 23P
[Old version datasheet]   DS25MB100 2.5 Gbps 2:1/1:2 CML Mux/Buffer With Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100_0712 NSC-DS25MB100_0712 Datasheet
995Kb / 16P
   2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com