Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB1203CS-1W6 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # WRB1203CS-1W6
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB1203CS-1W6 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  WRB1203CS-1W6 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB1203CS-1W6 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_CS-2W & WRB_CS-2W
A/3-2012
Page 2 of 2
COMMON SPECIFICATION
APPLICATION NOTE
Item
Test Conditions
Min
Typ
Max
Units
Storage Humidity
95
%
Operating Temperature
-40
85
Storage Temperature
-50
125
Temp. Rise at Full Load
15
35
Lead Temperature
1.5mm from case for 10 seconds
300
°C
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation Capacitance
Input/Output, 100KHz/1V
80
PF
No-load power consumption
100
mW
Cooling
Free Air Convection
Short Circuit Protection
Continuous
Case Material
Plastic(UL94-V0)
MTBF
1000
K hours
Weight
5.5
g
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output Voltage accuracy Input voltage range refer to output load
±1
±3
10% to 100% load(WRB_CS-2W)
±0.5
±0.75
Load Regulation
10% to 100% load(WRA_CS-2W)
±0.5
±1.0
Line Regulation
Input voltage from Low To high
±0.2
±0.5
%
Temperature Drift (Vout)
Refer to recommended circuit
±0.03
%/
°C
Ripple & Noise *
20MHz Bandwidth
35
100
mVp-p
Switching Frequency
Input voltage range 100% load
180-500(PFM)
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
2. See below recommended circuits for more details
TYPICAL TEMPERATURE CURVE
Operating Temp.(
)
C
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
1
3
2
5
NC
GND
-Vo
+Vo
0V
6
CTRL
Vin
GND
+Vo
∅1.00 [0.039]
2
3
5
6
7
8
1
Vin
8
CS
7
CTRL
0V
FOOTPRINT DETAILS
Not e:
Unit :mm[inch]
Pin se ction tolera nces:
± 0.10mm[ ± 0.004inch]
Gen eral toler ances:
± 0.25mm[ ± 0.010inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
± 0.50mm[ ± 0.020inch]
22.00 [0.866]
2
3
5
6
7
8
1
0.50 [0.020]
1 7.78[0. 700]
(Bottom View)
2.54[ 0.100]
(Front View)
NC: No conn ection
Pin
Single
Dual
NC
L=530mm[20.866inch] Devices per tube quantity: 22pcs
L=220mm[8.661inch]
Devices per tube quantity: 8pcs
Short tube inner package dimensions: L*W*H= 255*170*80mm
Short tube outer package dimensions(with six inner package boxes):
L*W*H= 375*280*270mm
Long tube inner package dimensions:
L*W*H= 580*200*100mm
Long tube outer package dimensions(with two inner package boxes):
L*W*H= 600*215*220mm
Long tube outer package dimensions(with three inner package boxes):
L*W*H= 600*215*325mm
12.40 [0.488]
6.40 [0.252]
Note: grid
mm
2.54*2.54.
① CTRL Terminal
When open or high impedance,the converter
work well; When this pin is
‘high’; the converter
shutdown; It should be note that the input
current
(Ic)
should
between
5-10mA, exceeding
the
maximum 20mA will cause permanence damage
to the converter. The value of R Can be derived as
follows :
C
D
C
I
V
V
R
0
.
1
=
② Recommended circuit
If you want to further decrease the input/output
ripple, an
“LC” filtering network may be connected
to the input and output ends of the DC/DC
converter, see (Figure 1).
Single Output
+Vo
0V
Co ut
6
7
8
Cs
Cin
Vin
G ND
2
1
3
Vc
R
Lin
Ic
D1
Dual Output
+Vo
0V
Cout
6
8
7
Cout
L out
L out
-Vo
C in
V in
G ND
2
1
3
Vc
R
L in
Ic
D1
(Figure 1)
However, the capacitance of the output filter
capacitor must be proper. If the capacitance is too
big, a startup problem might arise. For every
channel of output, provided the safe and reliable
operation is ensured, the greatest capacitance of
its filter capacitor sees (Table 1). General:
Cin:
5V,12V
100
μF
24V,48V
10
μF - 22μF
Lin:
4.7
μH -120μH
Cout:
100
μF(typ)
Lout:
2.2
μH-10μH
Cs:
10
μF - 22μF
External Capacitor Table(Table 1)
Single Vout
(VDC)
Cout
(
μF)
Dual Vout
(VDC)
Cout
(
μF)
3.3
2200
-
-
5
1000
±5
560
9
820
±9
470
12
680
±12
330
15
560
±15
270
24
470
±24
100
③ Input current
While using unstable power source, please
ensure the output voltage and ripple voltage do not
excced indexes of the converter. The preceding
power source must be able to provide for converter
sufficient starting current Ip (Figure 2).
General:
Ip
≤1.4*Iin-max
④ No parallel connection or plug and play.
Input Voltage (V)
In pu t Volta ge
R an ge
Ip


Similar Part No. - WRB1203CS-1W6

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB1203CS-1W MORNSUN-WRB1203CS-1W Datasheet
326Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB1203CS-1W6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com