Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2353ABL Datasheet(PDF) 1 Page - Littelfuse

Part # P2353ABL
Description  Baseband Protection (Voice-DS1)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2353ABL Datasheet(HTML) 1 Page - Littelfuse

  P2353ABL Datasheet HTML 1Page - Littelfuse P2353ABL Datasheet HTML 2Page - Littelfuse P2353ABL Datasheet HTML 3Page - Littelfuse P2353ABL Datasheet HTML 4Page - Littelfuse P2353ABL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
170
SIDACtor® Protection Thyristors
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
SIDACtor Balanced Series - Modified TO-220
Electrical Characteristics
The SIDACtor® Balanced Series are designed to protect
baseband equipment from damaging overvoltage
balanced overvoltage protection.
The series provides a single port through-hole solution that
enables voice through DS-1 equipment to comply with
various global requlatory standards.
1
2
3
(T)
(R)
(G)
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Low Capacitance
Balanced overvoltage
protection
Single port protection
Custom lead forms
available
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Applicable Global Standards
TIA-968-A
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A/B-rated parts require series resistance
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T@IT=
2.2 Amps
Capacitance
V min
V max
V min
V max
mA
min
mA
max
A
max
V max
Pins 1-2, 3-2
Pins 1-3
P1553AALxx
P1553AA
130
180
130
180
150
800
2.2
8
See
Capacitance
Values table
P1803AALxx
P1803AA
150
210
150
210
150
800
2.2
8
P2103AALxx
P2103AA
170
250
170
250
150
800
2.2
8
P2353AALxx
P2353AA
200
270
200
270
150
800
2.2
8
P2703AALxx
P2703AA
230
300
230
300
150
800
2.2
8
P3203AALxx
P3203AA
270
350
270
350
150
800
2.2
8
P3403AALxx
P3403AA
300
400
300
400
150
800
2.2
8
P5103AALxx
P5103AA
420
600
420
600
150
800
2.2
8
P1553ABLxx
P1553AB
130
180
130
180
150
800
2.2
8
P1803ABLxx
P1803AB
150
210
150
210
150
800
2.2
8
P2103ABLxx
P2103AB
170
250
170
250
150
800
2.2
8
PIN 1
PIN 2
PIN 3
Table continues on next page.


Similar Part No. - P2353ABL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2353ABL LITTELFUSE-P2353ABL Datasheet
144Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2353ABLRP LITTELFUSE-P2353ABLRP Datasheet
154Kb / 5P
   Low voltage overshoot Balanced overvoltage protection
P2353ABLXX LITTELFUSE-P2353ABLXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
More results

Similar Description - P2353ABL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2600SBRP LITTELFUSE-P2600SBRP Datasheet
2Mb / 5P
   Baseband Protection (Voice-DS1)
P3203UBLRP LITTELFUSE-P3203UBLRP Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2703AC LITTELFUSE-P2703AC Datasheet
144Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P0080EAL LITTELFUSE-P0080EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3100EBRP2 LITTELFUSE-P3100EBRP2 Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
   DS1 LINE INTERFACE
logo
ATMEL Corporation
ATR0621P ATMEL-ATR0621P_08 Datasheet
604Kb / 31P
   GPS Baseband GPS Baseband
logo
Texas Instruments
TCM4400 TI1-TCM4400 Datasheet
399Kb / 72P
[Old version datasheet]   GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
logo
Filtran LTD
CFS2575 FILTRAN-CFS2575 Datasheet
17Kb / 1P
   T1 / DS1 Adjustable Inductor
logo
Texas Instruments
TCM4400E TI-TCM4400E Datasheet
888Kb / 64P
[Old version datasheet]   GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com