Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91C176 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS91C176
Description  100 MHz Single Channel M-LVDS Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91C176 Datasheet(HTML) 5 Page - Texas Instruments

  DS91C176 Datasheet HTML 1Page - Texas Instruments DS91C176 Datasheet HTML 2Page - Texas Instruments DS91C176 Datasheet HTML 3Page - Texas Instruments DS91C176 Datasheet HTML 4Page - Texas Instruments DS91C176 Datasheet HTML 5Page - Texas Instruments DS91C176 Datasheet HTML 6Page - Texas Instruments DS91C176 Datasheet HTML 7Page - Texas Instruments DS91C176 Datasheet HTML 8Page - Texas Instruments DS91C176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS91C176, DS91D176
www.ti.com
SNLS146K – MARCH 2006 – REVISED NOVEMBER 2009
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3) (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
M-LVDS Driver
|VAB|
Differential output voltage magnitude
RL = 50Ω, CL = 5pF
480
650
mV
ΔVAB
Change in differential output voltage magnitude
Figure 3 and Figure 5
−50
0
+50
mV
between logic states
VOS(SS)
Steady-state common-mode output voltage
RL = 50Ω, CL = 5pF
0.3
1.8
2.1
V
|
ΔVOS(SS)|
Change in steady-state common-mode output voltage Figure 3 and Figure 4
0
+50
mV
between logic states
VOS(PP)
Peak-to-peak common-mode output voltage
(VOS(PP) @ 500KHz clock)
135
mV
VA(OC)
Maximum steady-state open-circuit output voltage
Figure 6
0
2.4
V
VB(OC)
Maximum steady-state open-circuit output voltage
0
2.4
V
VP(H)
Voltage overshoot, low-to-high level output
RL = 50Ω, CL = 5pF,CD = 0.5pF
1.2VSS
V
Figure 8 and Figure 9 (5)
VP(L)
Voltage overshoot, high-to-low level output
−0.2V
V
SS
IIH
High-level input current (LVTTL inputs)
VIH = 2.0V
-15
15
μA
IIL
Low-level input current (LVTTL inputs)
VIL = 0.8V
-15
15
μA
VIKL
Input Clamp Voltage (LVTTL inputs)
IIN = -18mA
-1.5
V
IOS
Differential short-circuit output current
Figure 7
-43
43
mA
M-LVDS Receiver
VIT+
Positive-going differential input voltage threshold
See Function Tables
Type
20
50
mV
1
Type
94
150
mV
2
VIT−
Negative-going differential input voltage threshold
See Function Tables
Type
−50
20
mV
1
Type
50
94
mV
2
VOH
High-level output voltage (LVTTL output)
IOH = −8mA
2.4
2.7
V
VOL
Low-level output voltage (LVTTL output)
IOL = 8mA
0.28
0.4
V
IOZ
TRI-STATE output current
VO = 0V or 3.6V
−10
10
μA
IOSR
Short-circuit receiver output current (LVTTL output)
VO = 0V
-48
-90
mA
M-LVDS Bus (Input and Output) Pins
IA
Transceiver input/output current
VA = 3.8V, VB = 1.2V
32
µA
VA = 0V or 2.4V, VB = 1.2V
−20
+20
µA
VA = −1.4V, VB = 1.2V
−32
µA
IB
Transceiver input/output current
VB = 3.8V, VA = 1.2V
32
µA
VB = 0V or 2.4V, VA = 1.2V
−20
+20
µA
VB = −1.4V, VA = 1.2V
−32
µA
IAB
Transceiver input/output differential current (IA − IB)
VA = VB, −1.4V ≤ V ≤ 3.8V
−4
+4
µA
(1)
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
(2)
All typicals are given for VCC = 3.3V and TA = 25°C.
(3)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this datasheet.
(4)
CL includes fixture capacitance and CD includes probe capacitance.
(5)
Not production tested. Guaranteed by a statistical analysis on a sample basis at the time of characterization.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS91C176 DS91D176


Similar Part No. - DS91C176

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91C176 NSC-DS91C176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
DS91C176 NSC-DS91C176 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
DS91C176TMA NSC-DS91C176TMA Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
DS91C176TMA NSC-DS91C176TMA Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
logo
Texas Instruments
DS91C176TMA TI-DS91C176TMA Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
More results

Similar Description - DS91C176

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
logo
Texas Instruments
DS91C176TMAX-NOPB TI-DS91C176TMAX-NOPB Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91C180 NSC-DS91C180_07 Datasheet
391Kb / 14P
   100 MHz M-LVDS Line Driver/Receiver Pair
logo
Texas Instruments
DS91C180 TI1-DS91C180_13 Datasheet
974Kb / 18P
[Old version datasheet]   100 MHz M-LVDS Line Driver/Receiver Pair
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com