Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS99R124Q Datasheet(PDF) 2 Page - Texas Instruments

Part # DS99R124Q
Description  5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R124Q Datasheet(HTML) 2 Page - Texas Instruments

  DS99R124Q_14 Datasheet HTML 1Page - Texas Instruments DS99R124Q_14 Datasheet HTML 2Page - Texas Instruments DS99R124Q_14 Datasheet HTML 3Page - Texas Instruments DS99R124Q_14 Datasheet HTML 4Page - Texas Instruments DS99R124Q_14 Datasheet HTML 5Page - Texas Instruments DS99R124Q_14 Datasheet HTML 6Page - Texas Instruments DS99R124Q_14 Datasheet HTML 7Page - Texas Instruments DS99R124Q_14 Datasheet HTML 8Page - Texas Instruments DS99R124Q_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
DS99R124Q
TOP VIEW
DAP = GND
GND
VDDP
GND
GND
RIN-
RIN+
VDDA
RES[1]
VDDTX
GND
ID[x]
TxCLKOUT+
TxOUT2-
TxOUT1+
TxOUT0+
TxOUT0-
GND
CMF
VDDA
VDDP
RES[0]
TxCLKOUT-
TxOUT2+
TxOUT1-
PWDNB
100 ohm STP Cable
PASS
PDB
LFMODE
BISTEN
LOCK
RGB Display
QVGA to WVGA
18-bit Color Depth
DS99R421Q
Converter
DS99R124Q
Converter
High-Speed Serial Link
1 Pair/AC Coupled
SSC[2:0]
OEN
VODSEL
BISTM
OSSEL
3.3V
FPD-Link II
FPD-Link
CMF
FPD-Link
RxIN1+/-
RxCLKIN+/-
RxIN2+/-
RxIN0+/-
TxOUT1+/-
TxCLKOUT+/-
TxOUT2+/-
TxOUT0+/-
3.3V
VDDIO
(1.8V or 3.3V)
1.8V
SDA
ID[x]
SCL
Optional
HOST
Graphics
Processor
DOUT+
DOUT-
RIN+
RIN-
OS[2:0]
VODSEL
DEN
BISTEN
PRE
OS[2:0]
DS99R124Q
SNLS318C – JANUARY 2010 – REVISED OCTOBER 2010
www.ti.com
Applications Diagram
DS99R124Q Pin Diagram
FPD-Link II to FPD-Link Convertor - DS99R124Q
48 Pin WQFN Package
See Package Number RHS0048A
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Links: DS99R124Q


Similar Part No. - DS99R124Q_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q_15 Datasheet
823Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
More results

Similar Description - DS99R124Q_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS99R124AQ TI1-DS99R124AQ_14 Datasheet
829Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124Q TI1-DS99R124Q_15 Datasheet
823Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124AQ TI1-DS99R124AQ Datasheet
542Kb / 26P
[Old version datasheet]   DS99R124AQ 5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS90UR908Q TI1-DS90UR908Q_14 Datasheet
855Kb / 33P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR907Q NSC-DS90UR907Q_10 Datasheet
693Kb / 26P
   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
logo
Texas Instruments
DS90UR907Q TI1-DS90UR907Q Datasheet
527Kb / 27P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   24-Bit Color FPD-Link to FPD-Link II Converter
DS99R421 TI1-DS99R421_15 Datasheet
867Kb / 26P
[Old version datasheet]   5-43 MHz FPD-Link LVDS (3 Data 1 Clock) to FPD-Link II LVDS (Embedded Clock DC Balanced) Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com