Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1450P Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # T1450P
Description  Isolated Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

T1450P Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  T1450P Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. T1450P Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. T1450P Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. T1450P Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Isolated Transmitter
TxxxxP Series
2014.03.23-A/2
Page 4 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Dimensions and Recommended Layout
Note:
1. Packing Information please refer to 'Product Packing Information'. Packing bag number: 58210008;
2. Unless otherwise specified, data in this datasheet should be tested under the conditions of Ta=25°C, humidity<75% when inputting
nominal voltage and outputting rated load;
3. All index testing methods in this datasheet are based on our Company’s corporate standards;
4. The performance indexes of the product models listed in this manual are as above, but some indexes of non~standard model products
will exceed the above~mentioned requirements, and please directly contact our technician for specific information;
5. We can provide product customization service;
6. Specifications of this product are subject to changes without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86~20~38601850~8801
Fax: 86~20~38601272
E~mail: info@mornsun.cn


Similar Part No. - T1450P

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
T1451N EUPEC-T1451N Datasheet
255Kb / 9P
   Netz-Thristor Phase Control Thyristor
logo
Infineon Technologies A...
T1451N INFINEON-T1451N Datasheet
253Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 8.0
logo
Bi technologies
T145331G BITECH-T145331G Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
T145331J BITECH-T145331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
T145471G BITECH-T145471G Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
More results

Similar Description - T1450P

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
   Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com