Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-43-8110 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 22-43-8110
Description  2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 11 Circuits, White
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-43-8110 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  22-43-8110 Datasheet HTML 1Page - Molex Electronics Ltd. 22-43-8110 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
A-42267-11A
Reference - Drawing Numbers
Application Specification
AS-42249-001
Product Specification
PS-42219-0001
Sales Drawing
SDA-42267-*
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 22-43-8110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-43-8110 MOLEX3-22-43-8110 Datasheet
123Kb / 6P
   2.50mm (.098") Pitch SPOX Header, Shrouded, In-line Footprint, 11 Circuits, White
More results

Similar Description - 22-43-8110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022438110 MOLEX3-0022438110 Datasheet
123Kb / 6P
   2.50mm (.098") Pitch SPOX Header, Shrouded, In-line Footprint, 11 Circuits, White
22-43-6110 MOLEX11-22-43-6110 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 11 Circuits, White
22-43-8140 MOLEX11-22-43-8140 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 14 Circuits, White
22-43-8150 MOLEX11-22-43-8150 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 15 Circuits, White
22-43-8030 MOLEX11-22-43-8030 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 3 Circuits, White
22-43-8070 MOLEX11-22-43-8070 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 7 Circuits, White
22-43-8130 MOLEX11-22-43-8130 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 13 Circuits, White
22-43-8060 MOLEX11-22-43-8060 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 6 Circuits, White
22-43-8100 MOLEX11-22-43-8100 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 10 Circuits, White
22-43-8020 MOLEX11-22-43-8020 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 2 Circuits, White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com