Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-01-3177 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 26-01-3177
Description  Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, 1.270關mmGold (Au) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

26-01-3177 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  26-01-3177 Datasheet HTML 1Page - Molex Electronics Ltd. 26-01-3177 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
26-01-3177
Status:
Active
Overview:
Mini-Fit Jr.™ Power Connectors
Description:
Mini-Fit® Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 2
Circuits, PA Polyamide Nylon 6/6 94V-2, 1.270µmmGold (Au) Plating
Documents:
3D Model
Test Summary TS-5556-002 (PDF)
Drawing (PDF)
Test Summary TS-5569-001 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5556-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
5569
Application
Power, Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit® Plus HCS
Crimp Terminal Crimped to 16 AWG wire., See Molex
Product specification PS-5556-001 for additional current
de-rating information.
Overview
Mini-Fit Jr.™ Power Connectors
Product Name
Mini-Fit Jr.™
UPC
884982964457
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Matte Tin
Material - Resin
Nylon
Net Weight
0.878/g
Number of Rows
2
Orientation
Right Angle
PC Tail Length
3.60mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.78mm
Packaging Type
Tray
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Plating min - Mating
1.270µm
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5569Series
Mates With
5557 Mini-Fit Jr.™ Receptacle Housing


Similar Part No. - 26-01-3177

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-01-3108 MOLEX11-26-01-3108 Datasheet
61Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-2,0.76關m Gold (Au) Plating
26-01-3114 MOLEX11-26-01-3114 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.38關m Gold (Au) Plating
26-01-3115 MOLEX11-26-01-3115 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6 94V-0, 0.38關m Gold (Au) Plating
26-01-3116 MOLEX11-26-01-3116 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 6Circuits, PA Polyamide Nylon 6/6 94V-2, 0.38關m Gold (Au) Plating
26-01-3119 MOLEX11-26-01-3119 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 12 Circuits, PA Polyamide Nylon 6/6 94V-0,0.38關m Gold (Au) Plating
More results

Similar Description - 26-01-3177

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-30-3047 MOLEX11-39-30-3047 Datasheet
47Kb / 2P
   Mini-Fit짰 Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6, 94V-2, (Au) Plating
39-30-3057 MOLEX11-39-30-3057 Datasheet
47Kb / 2P
   Mini-Fit짰 Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 5 Circuits, PA Polyamide Nylon 6/6, 94V-2, (Au) Plating
39-30-1021 MOLEX11-39-30-1021 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
39-30-3037 MOLEX11-39-30-3037 Datasheet
37Kb / 2P
   Mini-Fit짰 Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 3 Circuits, PA Polyamide Nylon 6/6, 94V-2, (Au) Plating
26-01-3141 MOLEX11-26-01-3141 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, 1.27關m Gold (Au) Plating
26-01-3143 MOLEX11-26-01-3143 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-2, 1.27關m Gold (Au) Plating
39-30-1020 MOLEX11-39-30-1020 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
39-30-1061 MOLEX11-39-30-1061 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
39-30-1060 MOLEX11-39-30-1060 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
39-30-1101 MOLEX11-39-30-1101 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m Gold (Au) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com