Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2171H Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SF2171H
Description  719 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2171H Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SF2171H Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2171H Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2171H Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2171H Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2171H Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 5
©2008-2010 by RF Monolithics, Inc.
SF2171H - 9/30/10
4-Terminal Ceramic Surface-Mount Case
2.0 X 1.6 mm Nominal Footprint
SM2016-4 Case
B
C
E
H
F
TOP VIEW
SIDE VIEW
BOTTOM VIEW
4
1
2
3
2
3
4
1
Electrical Connections
Connection
Terminals
Input
1
Output
3
Ground
2, 4
Dimensions
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
1.60
0.063
B
2.00
0.079
C
0.90
0.035
D
0.10
0.004
E
0.10
0.004
F
0.70
0.028
G
0.50
0.020
H
0.10
0.004


Similar Part No. - SF2171H

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2171E RFM-SF2171E Datasheet
174Kb / 5P
   719 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2171E MURATA-SF2171E Datasheet
174Kb / 5P
   719 MHz SAW Filter
More results

Similar Description - SF2171H

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1037A TAI-SAW-TA1037A Datasheet
354Kb / 7P
   SAW Filter 719 MHz
logo
Murata Manufacturing Co...
SF2171E MURATA-SF2171E Datasheet
174Kb / 5P
   719 MHz SAW Filter
logo
RF Monolithics, Inc
SF2171E RFM-SF2171E Datasheet
174Kb / 5P
   719 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0920A TAI-SAW-TA0920A Datasheet
429Kb / 8P
   SAW Filter 719 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com