Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

053301 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 053301
Description  Coaxial Female Contact 50 Ohm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

053301 Datasheet(HTML) 1 Page - ERNI Electronics

  053301 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Masse nur informatorisch,
keine Prüfpläne erstellen.
Remarks
Cable Group
D
Ø
C
Ø
B
Ø
A
Ø
Plating
Class
Part-No.
053395
1
1,5-2,5µm Cu
2 - 3µmNiP+
0,15µm Au
1,7
2,7
3,58
4,3
RG 316
doppelgeschirmt / 03
594207
1
1,7
2,7
3,2
3,8
RG 188 A/U,
RG 174 A/U, RG 316/U /02
013687
1
1,2
2
2,55
4,05
RG 178 B/U,
RG 196 A/U / 01
294765
1
2 - 3µm Ni
min.1,3µm Au sel.
1,7
2,7
3,58
4,3
RG 316
doppelgeschirmt / 03
294764
1
1,7
2,7
3,2
3,8
RG 188 A/U,
RG 174 A/U, RG 316/U /02
294763
1
1,2
1,7
2,2
3,2
RG 178 B/U,
RG 196 A/U / 01
Class
A3
prior notice.
contact one of the ERNI companies
Date
30.07.2013
g
Index
STVSKO
Crimp Termination
Coaxial Female Contact 50 Ohm
053301
5:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
5,9
+0,3
1,15
4,75
7,8
6,5
-0,1
20,7
2,5 -0,05
23
9,6
M 2:1
Missing informations
and dimensions
see at DIN 41626
Technical Data:
Insertion/withdrawel force per contact:
≤ 10N
Mechanical operations:
≥ 500
Contact resistance inner conductor:
≤ 10 mOhm
outer conductor:
≤ 3 mOhm
Insulation resistance
inner/outer conductor:
≥ 200 MOhm
Operation Temperature:
-55°C - +125°C
Frequency range:
0-2 GHz
Return loss:
> 20dB (2GHz)
Solder temperature:
according JEDEC 020C
Suitable assembly process:
leadfree wave / reflow soldering
RoHS compliance:
yes (6/6)
Designed for use with:
straight male HM / right angle male DIN connector
Packaging:
antistatic plastic bag
Packaging unit:
100 pieces per bag
Marking of packaging:
label or direct printed on bag
required date see ERNI labeling spec. 254792


Similar Part No. - 053301

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
053304 ERNI-053304 Datasheet
49Kb / 1P
   Coaxial Male Contact 50 Ohm
logo
Weidmuller
0533060000 WEIDMULLER-0533060000 Datasheet
1Mb / 52P
   SAK-series
logo
ERNI Electronics
053307 ERNI-053307 Datasheet
45Kb / 1P
   COAX-PLUG 75 OHM
logo
Molex Electronics Ltd.
053307-4071 MOLEX11-053307-4071 Datasheet
339Kb / 4P
   0.8 B-TO-B WAFER ASSY SMT EMBSTP PKG -LEAD FREE-
0533071071 MOLEX7-0533071071 Datasheet
371Kb / 6P
   0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 4.50 and 5.50mm (.177 and .217") Stacking Heights, Lead-free, 10 Circuits
More results

Similar Description - 053301

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
102600360001 ERNI-102600360001 Datasheet
34Kb / 1P
   Coaxial Female Contact 50 Ohm
102700360001 ERNI-102700360001 Datasheet
34Kb / 1P
   Coaxial Male Contact 50 Ohm
053308 ERNI-053308 Datasheet
48Kb / 1P
   Coaxial Female Contact 75 Ohm
294873 ERNI-294873 Datasheet
52Kb / 1P
   Coaxial Male Contact 50 Ohm
014321 ERNI-014321 Datasheet
48Kb / 1P
   Coaxial Male Contact 50 Ohm
logo
CONEC Elektronische Bau...
132J20019X CONEC-132J20019X Datasheet
57Kb / 1P
   COAXIAL CONTACT SOCKET 50 OHM
131J20019X CONEC-131J20019X Datasheet
46Kb / 1P
   COAXIAL CONTACT PLUG 50 OHM
logo
ERNI Electronics
053304 ERNI-053304 Datasheet
49Kb / 1P
   Coaxial Male Contact 50 Ohm
logo
CONEC Elektronische Bau...
131J20049X CONEC-131J20049X Datasheet
45Kb / 1P
   COAXIAL CONTACT PLUG 50 OHM
132J20049X CONEC-132J20049X Datasheet
61Kb / 1P
   COAXIAL CONTACT SOCKET 50 OHM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com