Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1213A-04TS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D1213A-04TS
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D1213A-04TS Datasheet(HTML) 3 Page - Diodes Incorporated

  D1213A-04TS Datasheet HTML 1Page - Diodes Incorporated D1213A-04TS Datasheet HTML 2Page - Diodes Incorporated D1213A-04TS Datasheet HTML 3Page - Diodes Incorporated D1213A-04TS Datasheet HTML 4Page - Diodes Incorporated D1213A-04TS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D1213A-04TS
Document number: DS35601 Rev. 6 - 2
3 of 5
www.diodes.com
October 2012
© Diodes Incorporated
D1213A-04TS
0125
175
300
50
200
0
T , AMBIENT TEMPERATURE ( C)
Figure 1 Power Derating Curve
A
°
25
100
50
75
150
250
Note 5
100
150
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 2 Power Dissipation vs. Ambient Temperature
A
0
100
25
75
175 200
0
t, TIME ( s)
Figure 3 Pulse Waveform
μ
20
40
60
100
50
0
0.001
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0.01
0.1
1
10
100
1,000
Figure 4 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Note 9
10,000
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
1,000
100
10
1
Figure 5 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Note 9
0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V , REVERSE VOLTAGE (V)
Figure 6 Typical Total Capacitance vs. Reverse Voltage
R
f = 1MHz
Note 8


Similar Part No. - D1213A-04TS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-04MR DIODES-D1213A-04MR Datasheet
140Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04MR-13 DIODES-D1213A-04MR-13 Datasheet
140Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04S DIODES-D1213A-04S Datasheet
140Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04S-7 DIODES-D1213A-04S-7 Datasheet
140Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04S-7 DIODES-D1213A-04S-7 Datasheet
140Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - D1213A-04TS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3F4U6S DIODES-D3V3F4U6S Datasheet
179Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1140-04LP DIODES-DT1140-04LP Datasheet
262Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-04SO DIODES-D1213A-04SO Datasheet
123Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U10LP DIODES-D3V3F4U10LP Datasheet
404Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F4U10LPQ DIODES-D3V3F4U10LPQ Datasheet
416Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2021 Rev. 1 - 2
D3V3XS4B10LP DIODES-D3V3XS4B10LP Datasheet
360Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2018 Rev. 1 - 2
D1213A-04S-7 DIODES-D1213A-04S-7 Datasheet
140Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U4S DIODES-DRTR5V0U4S Datasheet
126Kb / 4P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U4SL DIODES-DRTR5V0U4SL Datasheet
194Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1240-04LP DIODES-DT1240-04LP Datasheet
238Kb / 5P
   4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com